Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL520-20 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL520-20
Description  Low Phase Noise VCXO (for 100-200MHz Fundamental Crystals)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-20 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL520-20 Datasheet HTML 1Page - PhaseLink Corporation PLL520-20 Datasheet HTML 2Page - PhaseLink Corporation PLL520-20 Datasheet HTML 3Page - PhaseLink Corporation PLL520-20 Datasheet HTML 4Page - PhaseLink Corporation PLL520-20 Datasheet HTML 5Page - PhaseLink Corporation PLL520-20 Datasheet HTML 6Page - PhaseLink Corporation PLL520-20 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL520-20
Low Phase Noise VCXO (for 100-200MHz Fundamental Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 03/03/05 Page 1
FEATURES
• 100MHz to 200MHz Fundamental Mode Crystal.
• Output range: 100MHz – 200MHz (no PLL).
• Low Injection Power for crystal 50uW.
• Complementary outputs: CMOS, PECL or LVDS.
• Selectable OE Logic (enable high or enable low).
• Integrated variable capacitors.
• Supports 2.5V or 3.3V-Power Supply.
• Available in die form.
• Die thickness is 10 mil.
DESCRIPTIONS
PLL520-20 is a VCXO IC specifically designed to
pull high frequency fundamental crystals. Its design
was optimized to tolerate higher limits of
interelectrodes capacitance and bonding
capacitance to improve yield. It achieves very low
current into the crystal resulting in better overall
stability. Its internal varicaps allow an on chip
frequency pulling, controlled by the VCON input.
BLOCK DIAGRAM
DIE CONFIGURATION
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
OUTPUT SELECTION AND ENABLE
Pad #18
OUTSEL1
Pad #25
OUTSEL0
Selected Output
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
LVDS
1
1
PECL (default)
OE_SELECT
(Pad #9)
OE_CTRL
(Pad #30)
State
0
Tri-state
0
1 (Default)
Output enabled
0 (Default)
Output enabled
1 (Default)
1
Tri-state
Pad #9, 18, 25: Bond to GND to set to “0”, bond to VDD to set to “1”
No connection results to “default” setting through internal pull-up/-down.
Pad #30: Logical states defined by PECL levels if OE_SELECT (pad #9) is “1”
Logical states defined by CMOS levels if OE_SELECT is “0”
X+
X-
OE
Q
PLL520-20
VCON
Q
Oscillator
Amplifier
w/
integrated
varicaps
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
45
27
28
30
OUTSEL^
PECL
LVDS
VDDBUF
VDDBUF
PECLB
LVDSB
N/C
GNDBUF
XIN
XOUT
VCON
OE
CTRL
DNC
DNC
Die ID:
A1919-19B
C502A


Similar Part No. - PLL520-20

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-28 PLL-PLL520-28 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-28OC PLL-PLL520-28OC Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-28OC-R PLL-PLL520-28OC-R Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-28QC PLL-PLL520-28QC Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
More results

Similar Description - PLL520-20

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-28 PLL-PLL620-28 Datasheet
218Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
PLL520-00 PLL-PLL520-00 Datasheet
218Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
logo
Abracon Corporation
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com