Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF641B Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button AT25SF641B Datasheet HTML 16Page - Dialog Semiconductor AT25SF641B Datasheet HTML 17Page - Dialog Semiconductor AT25SF641B Datasheet HTML 18Page - Dialog Semiconductor AT25SF641B Datasheet HTML 19Page - Dialog Semiconductor AT25SF641B Datasheet HTML 20Page - Dialog Semiconductor AT25SF641B Datasheet HTML 21Page - Dialog Semiconductor AT25SF641B Datasheet HTML 22Page - Dialog Semiconductor AT25SF641B Datasheet HTML 23Page - Dialog Semiconductor AT25SF641B Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
19
AT25SF641B
DS-AT25SF641B–191D–12-2020
7.6
Quad-I/O Word Fast Read (E7h)
The Quad-I/O Word Fast Read instruction is similar to the Quad Fast Read instruction, except that the lowest
address bit (A0) must equal 0 and have two dummy clock cycles. Figure 7-10 shows the instruction sequence; the
first byte addressed can be at any location. The address is automatically incremented to the next higher address
after each byte of data is shifted out. The Quad Enable bit (QE) of the Status Register (S9) must be set to enable.
Figure 7-10. Quad-I/O Word Fast Read Timing (Initial Command Set M5, M4 ≠ 1,0) SPI Mode
7.6.1
Quad-I/O Word Fast Read with “Continuous Read Mode”
The Quad-I/O Word Fast Read instruction can further reduce instruction overhead by setting the “Continuous Read
Mode” bits (M7-0) after input of the Address bits (A23-0). If the “Continuous Read Mode” bits (M5-4) = (1, 0), the
next Quad-I/O Fast Read instruction (after CS is raised and then lowered) does not require the E7h instruction
code. Figure 7-11 shows the instruction sequence. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0),
the next instruction requires the first E7h instruction code, thus returning to normal operation. A “Continuous Read
Mode” Reset command also can be used to reset (M5-4) before issuing normal command.
Figure 7-11. Quad-I/O Word Fast Read Timing (Previous Command Set M5, M4 = 1,0) SPI Mode
23
1
06
7
5
410 11
9
8
14 15
13
12
16
19 20
18
17
23
22
21
Dummy
Byte 1
Byte 2
Byte 3
M7-M0
A7-A0
A15-A8
A23-A16
A20
A16
A12
A8
A4
A0
M4
M0
11100111
A21
A17
A13
A9
A5
A1
M5
M1
A22
A18
A14
A10
A6
A2
M6
M2
A23
A19
A15
A11
A7
A3
D6
D2
D6
D2
D6
D2
D7
D3
D7
D3
D7
D3
D5
D1
D5
D1
D5
D1
D4
D0
D4
D0
D4
D0
M7
M3
CS
SCK
I/O
0
I/O
1
I/O
2
I/O
3
(SI)
(SO)
(WP)
(HOLD)
I/O0
(SI)
SCK
I/O1
(SO)
CS
23
1
06
7
5
410 11
9
8
A20 A16 A12 A8
A23-A16 A15-A8
A21 A17 A13 A9
D4
D1
D0
D5
D4
Byte 1
D5
D0
D1
Byte 2
I/O2
(WP)
A22 A18 A14 A10
D2 D6
D6
D2
I/O3
(HOLD)
A23 A19 A15 A11
D3 D7
D7
D3
14 15
13
12
A4 A0 M4 M0
A7-A0
M7-M0
A6 A2 M6 M2
A7 A3 M7 M3
A5 A1 M5 M1
Dummy
D5
D4 D0
D1
Byte 3
D6 D2
D7 D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com