Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25SF641B Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # AT25SF641B
Description  64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF641B Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button AT25SF641B Datasheet HTML 28Page - Dialog Semiconductor AT25SF641B Datasheet HTML 29Page - Dialog Semiconductor AT25SF641B Datasheet HTML 30Page - Dialog Semiconductor AT25SF641B Datasheet HTML 31Page - Dialog Semiconductor AT25SF641B Datasheet HTML 32Page - Dialog Semiconductor AT25SF641B Datasheet HTML 33Page - Dialog Semiconductor AT25SF641B Datasheet HTML 34Page - Dialog Semiconductor AT25SF641B Datasheet HTML 35Page - Dialog Semiconductor AT25SF641B Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
31
AT25SF641B
DS-AT25SF641B–191D–12-2020
10.
Security Register Commands
The device contains three extra pages, called Security Registers, that can be used for unique device serialization,
system-level Electronic Serial Number (ESN) storage, locked key storage, etc. The Security Registers are
independent of the main Flash memory.
Each page of the Security Register can be erased and programmed independently. Each page can also be
independently locked to prevent further changes.
10.1 Read Unique ID Number (4Bh)
The Read Unique ID Number instruction accesses a factory-set, read-only 64-bit number that is unique to each
AT25SF641B device. The ID number can be used in conjunction with user software methods to help prevent
copying or cloning of a system. The Read Unique ID instruction is initiated by driving the CS pin low and shifting
the instruction code 4Bh, followed by four dummy byte clock cycles. After this, the 64-bit ID is shifted out on the
falling edge of SCLK, as shown in Figure 10-1.
Figure 10-1. Read Unique ID Timing (SPI Mode)
10.2 Erase Security Registers (44h)
Before an erase Security Register Page command can be started, the Write Enable command must have been
previously issued to the device to set the WEL bit of the Status Register to a logical “1” state.
To perform an Erase Security Register Page command, the CS pin must first be asserted and the opcode 44h
must be clocked into the device. After the opcode has been clocked in, the three address bytes specifying the
Security Register Page to be erased must be clocked in. When the CS pin is deasserted, the device erases the
appropriate page. The erasing of the page is internally self-timed and takes place in a time of tPP.
Since the Erase Security Register Page command erases a region of bytes, the lower-order address bits do not
need to be decoded by the device. Thus, address bits A7-A0 are ignored by the device. Despite the lower-order
address bits not being decoded by the device, the complete three address bytes must be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted right after the last address bit (A0); otherwise,
the device aborts the operation, and no erase operation is performed.
While the device is executing a successful erase cycle, the Status Register can be read and indicates that the
device is busy. For faster throughput, it is recommended that the Status Register be polled (rather than waiting the
01234567
Mode 0
Mode 3
Instruction
CS
SCLK
SI
SO
4BH
_
HIGH-IMPEDANCE
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Dummy Byte
1
Dummy Byte
2
Mode 0
Mode 3
25
26
27
28
29
23
CS
SCLK
SI
24
30
SO
62
63
32
33
34
35
36
31
37
39
40
41
100 101
38
102
Dummy Byte 3
Dummy Byte 4
0
1
2
_
64- bit Unique
Serial Number
MSB
103
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com