Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL601-22 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL601-22
Description  27MHz Multiple output XO with Audio Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-22 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL601-22 Datasheet HTML 1Page - PhaseLink Corporation PLL601-22 Datasheet HTML 2Page - PhaseLink Corporation PLL601-22 Datasheet HTML 3Page - PhaseLink Corporation PLL601-22 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
PLL601-22
27MHz Multiple output XO with Audio Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/19/04 Page 3
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
27
MHz
Crystal Loading Rating
CL (xtal)
14.5
pF
Recommended ESR
RE
AT cut
30
Ω
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
15pF Load
20
30
mA
Operating Voltage
VDD
2.97
3.30
3.63
V
4. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
27
MHz
0.8V ~ 2.0V with 10 pF load
1.5
Output Clock Rise Time
0.3V ~ 3.0V with 15 pF load
2.5
4
2.0V ~ 0.8V with 10 pF load
1.5
Output Clock Fall Time
3.0V ~ 0.3V with 15pF load
2
3
ns
Output Clock Duty Cycle
50% VDD
45
50
55
%
Short Circuit Current
±50
mA
5. Jitter specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
Cycle to Cycle Jitter
Tcyc-cyc
27MHz
100
ps
Cycle to Cycle Jitter
Tcyc-cyc
Audio Clock
150
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com