Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL601-22 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL601-22
Description  27MHz Multiple output XO with Audio Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-22 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL601-22 Datasheet HTML 1Page - PhaseLink Corporation PLL601-22 Datasheet HTML 2Page - PhaseLink Corporation PLL601-22 Datasheet HTML 3Page - PhaseLink Corporation PLL601-22 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
PLL601-22
27MHz Multiple output XO with Audio Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/19/04 Page 1
FEATURES
• 2 XO outputs at 27MHz (27MHz crystal input).
• Selectable Audio Clocks supporting:
32kHz, 44.1kHz, 48kHz, 64kHz and 96kHz
sampling rates
256, 384 and 512 oversampling ratios
8.192, 11.2896, 12.288, 16.9344, 16.384,
18.432, 22.5792, 24.576MHz audio frequencies
• On-the-fly switching of the audio frequency
• Power down tri-state selector.
• 3.3V Operating Voltage.
• Available in 16-Pin SSOP
DESCRIPTION
The PLL601-22 is a low cost integrated XO IC with
power down feature, designed to work with a
fundamental 27MHz crystal to provide the most
common audio clocks (8.192, 11.2896, 12.288,
16.9344, 16.384, 18.432, 22.5792, and 24.576MHz)
required by sampling rates of 32kHz, 44.1kHz, 48kHz,
64kHz and 96kHz (256, 384 and 512 oversampling
ratios). The wide range of audio frequencies makes it
ideal for STB and MPEG Video applications.
PACKAGE PIN CONFIGURATION
Note: ^: Internal pull-up resistor. The internal pull-up resistor
results in a default high value when no pull-down resistor is
connected to this pin.
AUDIO CLOCK SELECTION
S2
S1
S0
ACLK (MHz)
0
0
0
8.192
0
0
1
11.2896
0
1
0
12.288
0
1
1
16.9344
1
0
0
18.432
1
0
1
16.384
1
1
0
22.5792
1
1
1
24.576
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
XIN
9
10
11
12
13
14
15
16
XOUT
VDD
VDD
NC
GND
GND
PDOWN^
S1^
27MHz
VDD
S0^
27MHz
GND
ACLK
S2^
XIN = 27 MHz
Xout
PDOWN
27MHz
Xin
[S2-S0]
Audio
PLL
XO
ACLK
27MHz


Similar Part No. - PLL601-22

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
Audio Clock Generator
PLL601-26SC PLL-PLL601-26SC Datasheet
114Kb / 4P
Audio Clock Generator
PLL601-26SC-R PLL-PLL601-26SC-R Datasheet
114Kb / 4P
Audio Clock Generator
PLL601-26SCL PLL-PLL601-26SCL Datasheet
114Kb / 4P
Audio Clock Generator
PLL601-26SCL-R PLL-PLL601-26SCL-R Datasheet
114Kb / 4P
Audio Clock Generator
More results

Similar Description - PLL601-22

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
MULTIPLE OUTPUT CLOCK SYNTHESIZER
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
PhaseLink Corporation
PLL601-27 PLL-PLL601-27 Datasheet
181Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
logo
Maxim Integrated Produc...
MAX9492 MAXIM-MAX9492 Datasheet
269Kb / 11P
Multiple-Output Clock Generator with Spread Spectrum
Rev 0; 5/05
logo
Abracon Corporation
ABMX0122 ABRACON-ABMX0122 Datasheet
60Kb / 4P
27MHz Multiple output XO with Audio Clock
03/21/05
ABMX0127 ABRACON-ABMX0127 Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
logo
Asahi Kasei Microsystem...
AK8145 AKM-AK8145 Datasheet
172Kb / 6P
27MHz VCXO Clock Genrator
logo
Abracon Corporation
ABM0122 ABRACON-ABM0122 Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
ABM0127 ABRACON-ABM0127 Datasheet
60Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com