Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-13 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL701-13
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-13 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL701-13 Datasheet HTML 1Page - PhaseLink Corporation PLL701-13 Datasheet HTML 2Page - PhaseLink Corporation PLL701-13 Datasheet HTML 3Page - PhaseLink Corporation PLL701-13 Datasheet HTML 4Page - PhaseLink Corporation PLL701-13 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL701-13
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 4
3. TIMING CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Rise Time
Tr
Measured at 0.8V ~ 2.0V @ 3.3V
0.8
0.95
1.1
ns
Fall Time
Tf
Measured at 2.0V ~ 0.8V @ 3.3V
0.78
0.85
0.9
ns
Output Duty Cycle
DT
45
50
55
%
Input to Output Delay
2
4
ns
Cycle to Cycle Jitter
Tcyc-cyc
Over output frequency range @ 3.3V
100
ps
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation rates
The PLL701-13 provides selectable multiplication factor, as well as selectable modulation rate. Selection is made
by connecting pins 2 (S2), 3 (S1), 4 (S0), and 7 (S3) to a logical “zero” or “one”, according to the output clock
selection table on page 1.
Default values for S(0:3) through internal pull-up and pull-down resistor
Selection pins S0 and S3 have an internal pull-down resistor of 30k
Ω, pins 2 and 3 (S1 and S2) have an internal
pull-up resistor of 30k
Ω. This internal pull-down (or pull-up) resistor will pull the input value to a logical “zero” (or
“one” respectively) by default, i.e. when the pin is not connected to GND (VDD respectively). In order to override
the internal pull-up (pull-down), the pin has to be connected to VDD (GND respectively).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com