Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL701-13 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL701-13
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-13 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL701-13 Datasheet HTML 1Page - PhaseLink Corporation PLL701-13 Datasheet HTML 2Page - PhaseLink Corporation PLL701-13 Datasheet HTML 3Page - PhaseLink Corporation PLL701-13 Datasheet HTML 4Page - PhaseLink Corporation PLL701-13 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL701-13
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page
1
FEATURES
• Spread Spectrum Clock Generator with selectable
multiplier ( 1x, 2x and 4x ).
• Output frequency ranges: 24MHz to 240MHz.
• Selectable Down Spread Modulation.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short-term jitter.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL701-13 is a Spread Spectrum Clock
Generator designed for the purpose of reducing EMI
in high-speed digital systems. The selectable Down
Spread modulation magnitude (see table below)
permits EMI reduction without over-clocking the
output. The device operates over a very wide range of
input frequencies and provides 1x to 4x modulated
clock outputs.
PIN CONFIGURATION
Note: v: 30k
Ω Internal Pull down ^: 30kΩ Internal Pull up.
OUTPUT CLOCK (FOUT) SELECTION
Spread Spectrum Modulation
S3
S2
S1
S0
FIN Range
(MHz)
FOUT
Frequency
Magnitude
0
0
0
0
24 - 60
X1
-1.5%
0
0
0
1
24 - 60
X1
-2.0%
0
0
1
0
24 - 60
X1
-2.5%
0
0
1
1
24 - 60
X1
-3.0%
0
1
0
0
24 - 60
X2
-0.5%
0
1
0
1
24 - 60
X2
-1.0%
0
1
1
0
24 - 60
X2
-1.5%
0
1
1
1
24 - 60
X2
-2.0%
1
0
0
0
24 - 60
X2
-2.5%
1
0
0
1
24 - 60
X2
-3.0%
1
0
1
0
24 - 60
X4
-0.5%
1
0
1
1
24 - 60
X4
-1.0%
1
1
0
0
60 - 120
X1
-0.5%
1
1
0
1
60 - 120
X1
-1.0%
1
1
1
0
60 - 120
X1
-1.5%
1
1
1
1
60 - 120
X1
Fin / 1024
-2.0%
1
2
3
45
6
7
8
FIN
S2^
S1^
S0v
VDD
FOUT
GND
S3v
FIN = 24 ~ 120 Mhz


Similar Part No. - PLL701-13

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-10 PLL-PLL701-10 Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10DC PLL-PLL701-10DC Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10DI PLL-PLL701-10DI Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10XC PLL-PLL701-10XC Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10XC-R PLL-PLL701-10XC-R Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
More results

Similar Description - PLL701-13

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0101 ABRACON-ABE0101 Datasheet
216Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com