Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6876EVCMOD2 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6876EVCMOD2
Description  Complete Evaluation System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876EVCMOD2 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6876EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
System Menu
The System menu is used to initiate the serial commu-
nication connection between the MAX6876 EV kit board
and the evaluation software. It can also be used to
assert a software reset of the MAX6876 by selecting the
Reboot Target option. Other functions available from
the System menu include Commit Configuration to
EEPROM and Lock Configuration, both of which are
functionally equivalent to their corresponding controls
on the Advanced tab.
Evaluation software configuration values can also be
saved to disk for future reference. Opening a saved
configuration file restores the previously saved configu-
ration values to the registers of the connected
MAX6876 EV kit.
Colors Menu
The Colors menu selections and dialog boxes allow the
user to adjust evaluation software display colors to suit
individual preference. Be sure to choose contrasting
colors so that all display features remain visible.
Detailed Description
of Hardware
The MAX6876 (U1) is mounted on an evaluation board
that includes all necessary support components for a
typical application circuit. The user power-supply input
(VCC, banana jack J12) is bypassed near U1 by 1µF
capacitor C13, and the internal supply voltage is
bypassed by 1µF capacitor C14.
The controlled IN_/OUT_ pairs are each bypassed with
10µF capacitors C1–C4. Additional surface-mount com-
ponent leads are included for larger bypass caps if
desired, such as C5–C8. The OUT_ voltages are simi-
larly provided with surface-mount lands for capacitors
C9–C12. Capacitors C5–C8 and C9–C12 are not
installed in the default configuration of the EV kit board,
and are not required in most applications.
Connector J10 mates with the Maxim CMOD232 mod-
ule, which enables communication with evaluation soft-
ware running on a PC. As a convenience, the CMOD232
module provides 5V DC power to the VLOGIC net
through pin 1 of J10 and JMP7. This voltage can be
used to power U1 by placing a shorting link in position
2–3 of JMP6.
User-provided power supplies at J1–J4 are controlled
as the IN1–IN4 voltages, and are sequenced or tracked
as OUT1–OUT4 at J5–J8. These jacks accept a stan-
dard 0.175in tip-jack (banana plug) connector. Ground
connections can be established at J9, J11, and at test
points TP21 and TP23.
The MAX6876 EV kit is designed with 0.050in traces of
1oz copper for the main power paths. Each IN_/OUT_
pair safely handles up to 5A. Proceed with caution if
higher current operation is required.
Light-emitting diodes CR1–CR4 indicate the status of
the PG_ signals. A green LED indicates that power is
good. The PG_ signals can be monitored at test points
TP17–TP20. Likewise, CR5 indicates the status of the
REM signal.
Jumper Function Tables
Tables 1 through 5 describe the EV kit configuration
jumper functions. For a detailed understanding of the
jumpers, see Figure 3, the MAX6876 EV kit schematic.
MAX6876 Evaluation Kit/Evaluation System
6
_______________________________________________________________________________________
JMP1 SHUNT
POSITION
FUNCTION
1-2
Adjust undervoltage-lockout threshold
using resistor-dividers R1 and R2
2-3
Normal operation; UVLO threshold is
1.285V
Table 1. Jumper JMP1, TRKEN
JMP3 SHUNT
POSITION
FUNCTION
1-2
MARGIN function enabled
Open
Normal operation;
MARGIN function
disabled, or under evaluation software
control through CMOD232 module
Table 3. Jumper JMP3, MARGIN
JMP2 SHUNT
POSITION
FUNCTION
1-2
Voltage tracking/sequencing enabled
2-3
Voltage tracking/sequencing disabled
Open
Evaluation software control of ENABLE
through CMOD232 module
Table 2. Jumper JMP2, ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com