Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6876EVCMOD2 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6876EVCMOD2
Description  Complete Evaluation System
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876EVCMOD2 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6876EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX6876EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MAX6876, as long as the shorting links on JMP3 and
JMP2 are not installed. Physical jumper settings over-
ride any selections made in this box.
The MAX6876 can be configured to use its internal ref-
erence voltage or an external reference by selecting
the appropriate radio button in the Reference Voltage
box. If you choose to use an external reference, be sure
to physically connect a precision voltage source at test
point TP16 on the MAX6876 EV kit board. Selecting
external reference while none is connected causes the
part to repeatedly enter fault condition.
The I2C Enable box allows or prevents power sequenc-
ing/tracking to be enabled through the I2C interface. By
clicking the Allow enable with I2C checkbox, power
sequencing/tracking can be enabled or disabled by
clicking the Send Enable Command button. If the
Allow enable with I2C checkbox is not checked, the
MAX6876 ignores the I2C enable command bit. When
I2C enable is allowed by setting register 09h bit to 1,
the MAX6876 internal ENABLE is the result of an AND
condition between the I2C command bit (register 09h,
bit 0) and the logic ENABLE input at pin 11. Refer to the
logic ENABLE diagram in the MAX6876 data sheet.
The Fault Log box records the most recently detected
fault states. If the Fault Log box is full, a scrollbar
allows review of up to 1024 past fault messages. The
date and time data are from the PC clock.
MAX6876 Evaluation Kit/Evaluation System
_______________________________________________________________________________________
5
Figure 2. Evaluation Software Advanced Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com