Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-05 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL702-05
Description  Low EMI Peripheral Clock Generator for Notebook
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-05 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL702-05 Datasheet HTML 1Page - PhaseLink Corporation PLL702-05 Datasheet HTML 2Page - PhaseLink Corporation PLL702-05 Datasheet HTML 3Page - PhaseLink Corporation PLL702-05 Datasheet HTML 4Page - PhaseLink Corporation PLL702-05 Datasheet HTML 5Page - PhaseLink Corporation PLL702-05 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL702-05
Low EMI Peripheral Clock Generator for Notebook
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 2
PIN DESCRIPTIONS
Name
Pin#
Type
Description
XIN
1
I
Crystal input: accepts either 24.576MHz or 14.31818MHz fundamental crystal (CL =
20pF, parallel resonant mode, +/-20ppm). On-chip load capacitors: no external load
capacitors required. (See the table #4 )
XOUT
2
O
Crystal output.
VSS
3,6
P
Ground connection.
24.576MHz/SST0
4
B
Bi-directional and Tri-Level pin. Upon power-on, the value of SST0 is latched in and
used to select the SST control (see Spread Spectrum selection table 1). Tri level input:
M = Do not connect, 1 = Pull up, 0 = Pull down. After power-up this pin acts as
24.576MHz output clock.
25MHzx2
5
O
25MHz Ethernet output clock (double drive strength).
27_14.318MHz/XTAL_SEL
7
B
Bi-directional pin. Upon power-on, the value of XTAL_SEL is latched in and used to set
the input crystal frequency (24.575MHz or 14.31818MHz). Set XTAL_SEL to 0 (default)
for 24.576MHz input crystal, set XTAL_SEL to 1 for 14.31818MHz input crystal (see
Crystal Selection Table on page 1). . After power-up this pin acts as 27MHz output
(with 24.576MHz crystal) or as 14.31818MHz pass through clock (with 14.31818MHz
crystal), depending on the input crystal.
The 27MHz output can be modulated for low EMI using Spread Spectrum.
VDD
8
P
3.3V power supply for 27MHz, oscillator, analog core and digital circuitry.
FUNCTIONAL DESCRIPTION
Tri-level and two-level inputs
In order to reduce pin usage, the PLL702-05 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0 =
Connect to GND, 1 = Connect to VDD, M = Do not connect. Thus, unlike the two-level selection pins, the tri-level input pins are
in the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to
GND. Likewise, in order to connect to a logical “one”, the pin must be connected to VDD.
Connecting a bi-directional pin
The PLL702-05 also uses bi-directional pins. The same pin serves as input upon power-up, and as output as soon as the inputs
have been latched. The value of the input is latched-in upon power-up. Depending on the pin (see pin description), the input can
be tri-level or a standard two-level. Unlike unidirectional pins, bi-directional pins cannot be connected directly to GND or VDD in
order to set the input to "0" or "1", since the pin also needs to serve as output. In the case of two level input pins, an internal pull-
up resistor is present. This allows a default value to be set when no external pull down resistor is connected between the pin
and GND (by definition, a tri-level input has a the default value of "M" (mid) if it is not connected). In order to connect a bi-
directional pin to a non-default value, the input must be connected to GND or VDD through an external pull-down/pull-up
resistor.
Note: when the output load presents a low impedance in comparison to the internal pull-up resistor, the internal pull-up resistor
may not be sufficient to pull the input up to a logical “one”, and an external pull-up resistor may be required.
For bi-directional inputs, the external loading resistor between the pin and GND has to be sufficiently small (compared to the
internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical “zero”). In order to avoid loading effects when the
pin serves as output, the value of the external pull-down resistor should however be kept as large as possible. In general, it is



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com