Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL702-05 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL702-05
Description  Low EMI Peripheral Clock Generator for Notebook
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-05 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL702-05 Datasheet HTML 1Page - PhaseLink Corporation PLL702-05 Datasheet HTML 2Page - PhaseLink Corporation PLL702-05 Datasheet HTML 3Page - PhaseLink Corporation PLL702-05 Datasheet HTML 4Page - PhaseLink Corporation PLL702-05 Datasheet HTML 5Page - PhaseLink Corporation PLL702-05 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLL702-05
Low EMI Peripheral Clock Generator for Notebook
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 5
3. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
Nominal voltage 3.3V
2.97
3.63
V
Input High Voltage
VIH
VDD/2
V
Input Low Voltage
VIL
VDD/2
VDD/2 - 1
V
Input High Voltage
VIH
For all Tri-level input
VDD-0.5
V
Input Low Voltage
VIL
For all Tri-level input
0.5
V
Input High Voltage
VIH
For all normal input
2
V
Input Low Voltage
VIL
For all normal input
0.8
V
IOH = -10mA (normal drive)
Output High Voltage
VOH
IOH = -20mA (double drive)
2.4
V
IOL = 10mA (normal drive)
Output Low Voltage
VOL
IOL = -20mA (double drive)
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Normal drive strength
10
Nominal Output Current
IOUT
Double drive strength
20
mA
Operating Supply Current
IDD
No Load
23
mA
Short-circuit Current
IS
±100
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com