Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-26SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-26SC
Description  High Pull-Range VCXO (27MHz) with integrated Audio PLL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-26SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-26SC Datasheet HTML 1Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 2Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 3Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 4Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL502-26
High Pull-Range VCXO (27MHz) with integrated Audio PLL
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
N/C
1,16
No connection.
VDD_PLL
2
P
VDD power supply pin for PLL circuitry. This pin should be decoupled sepa-
rately from other VDD.
VDD_VCXO
3
P
VDD power supply pin for VCXO circuitry. This pin should be decoupled
separately from other VDD.
XIN
4
I
Crystal input. See Crystal Specifications on page 4.
XOUT
5
O
Crystal output. See Crystal Specifications on page 4.
VCON
6
I
Voltage Control input.
GND_VCXO
7
P
GND connection for VCXO circuitry.
GND_PLL
8
P
GND connection for VCXO circuitry.
REF_Audio
9
I
Audio Reference Clock input.
GND_Audio
10
P
GND connection for Audio clock output buffer circuitry.
OUT_Audio
11
O
Audio clock output.
VDD_Audio
12
P
VDD power supply pin for Audio clock output buffer. This pin should be
decoupled separately from other VDD.
VDD_27MHz
13
P
VDD power supply pin for 27MHz output clock. This pin should be decoup-
led separately from other VDD.
OUT_27MHz
14
O
27MHz VCXO output clock.
GND_27MHz
15
P
GND connection for 27MHz output buffer circuitry.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com