Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-26SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL502-26SC
Description  High Pull-Range VCXO (27MHz) with integrated Audio PLL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-26SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL502-26SC Datasheet HTML 1Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 2Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 3Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 4Page - PhaseLink Corporation PLL502-26SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL502-26
High Pull-Range VCXO (27MHz) with integrated Audio PLL
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 3
2. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
27
MHz
Audio Reference Clock
REF_Audio
0.65
-
1.5
MHz
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2
ns
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 27MHz;
XTAL C0/C1 < 250
0V
≤ VIN ≤ 3.3V
500
ppm
CLK output pullability
VCON=1.65V
±1.65V
±250
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
k
Ω
VCON modulation BW
0V
≤ VIN ≤ 3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
4. Jitter and Phase Noise Specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 10,000 samples)
with capacitive decoupling
between VDD and GND.
3
ps
Phase Noise relative to carrier
27MHz @100Hz offset
-85
dBc/Hz
Phase Noise relative to carrier
27MHz @1kHz offset
-115
dBc/Hz
Phase Noise relative to carrier
27MHz @10kHz offset
-135
dBc/Hz
Phase Noise relative to carrier
27MHz @100kHz offset
-140
dBc/Hz
Phase Noise relative to carrier
27MHz @1MHz offset
-150
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com