Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-00DI Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL502-00DI
Description  Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-00DI Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL502-00DI Datasheet HTML 1Page - PhaseLink Corporation PLL502-00DI Datasheet HTML 2Page - PhaseLink Corporation PLL502-00DI Datasheet HTML 3Page - PhaseLink Corporation PLL502-00DI Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLL502-00
Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 4
PAD ASSIGNMENT
Pad #
Name
X (
µm)
Y (
µm)
Description
7
GND
1042
109
Ground.
10
GND
1400
259
Ground.
13
CLK
1400
716
CMOS Clock Output.
18
S2
1232
1365
Used to select multiplication factor and Standard or High-Drive
output. Internal pull down.
19
S1
1042
1365
Used to select multiplication factor and Standard or High-Drive
output. Internal pull down.
20
S0
854
1365
Used to select multiplication factor and Standard or High-Drive
output. Internal pull down.
21
VDD
659
1365
3.3V Power Supply.
23
VDD
459
1365
3.3V Power Supply.
25
OE
194
1365
Used to Enable/Disable the output. Internal pull up. See
27
XIN
109
1017
Crystal input. See Crystal Specifications on page 3.
29
XOUT
109
646
Crystal output. See Crystal Specifications on page 3.
31
VCON
109
181
Voltage Control Input. 0V to 3.3V.
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems
without the express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL502-00 D C
Order Number
Marking
Package Option
PLL502-00DC
P502-00DC
Die (Waffle Pack)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
D=DIE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com