Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4059R Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4059R
Description  Electronic Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059R Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4059R Datasheet HTML 2Page - OSRAM GmbH SFH4059R Datasheet HTML 3Page - OSRAM GmbH SFH4059R Datasheet HTML 4Page - OSRAM GmbH SFH4059R Datasheet HTML 5Page - OSRAM GmbH SFH4059R Datasheet HTML 6Page - OSRAM GmbH SFH4059R Datasheet HTML 7Page - OSRAM GmbH SFH4059R Datasheet HTML 8Page - OSRAM GmbH SFH4059R Datasheet HTML 9Page - OSRAM GmbH SFH4059R Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SFH 4059R
6 Version 1.3 | 2020-03-18
Max. Permissible Forward Current
I
F,max = f (TA); Rthja = 540K / W; single pulse
0
0
˚C
T
IF
mA
OHF04264
A
20
40
60
80
100
10
20
30
40
50
60
70
80
Permissible Pulse Handling Capability
I
F = f (tp); duty cycle D = parameter; TA = 25°C
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D T
2
1
0
-1 10
tp
10 s10
OHF04265
T
tP
IF
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.03
0.2
0.1
0.05
0.02
0.01
0.005
=
D
1
0.5
Permissible Pulse Handling Capability
I
F = f (tp); duty cycle D = parameter; TA = 85°C
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D T
2
1
0
-1 10
tp
10 s10
OHF04266
T
tP
IF
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.03
0.2
0.1
0.05
0.02
0.01
0.005
=
D
1
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com