Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4059R Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4059R
Description  Electronic Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4059R Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4059R Datasheet HTML 1Page - OSRAM GmbH SFH4059R Datasheet HTML 2Page - OSRAM GmbH SFH4059R Datasheet HTML 3Page - OSRAM GmbH SFH4059R Datasheet HTML 4Page - OSRAM GmbH SFH4059R Datasheet HTML 5Page - OSRAM GmbH SFH4059R Datasheet HTML 6Page - OSRAM GmbH SFH4059R Datasheet HTML 7Page - OSRAM GmbH SFH4059R Datasheet HTML 8Page - OSRAM GmbH SFH4059R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SFH 4059R
5 Version 1.3 | 2020-03-18
Radiation Characteristics 9), 10)
I
e,rel = f (φ)
OHF04384
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Forward current 9), 10)
I
F = f (VF); single pulse; tp = 100 µs
OHF03826
F
I
10-4
0.5
1
1.5
2
2.5 V3
100
A
0
F
V
-1
10
5
5
10-2
-3
5
10
Irradiance 9), 10)
E
e/Ee(70mA) = f (IF); single pulse ; tp = 25 µs
OHF05563
IF
mA
10
5105 10
10 3
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e (70 mA)
E
E
012
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com