Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-37 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL502-37
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-37 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL502-37 Datasheet HTML 1Page - PhaseLink Corporation PLL502-37 Datasheet HTML 2Page - PhaseLink Corporation PLL502-37 Datasheet HTML 3Page - PhaseLink Corporation PLL502-37 Datasheet HTML 4Page - PhaseLink Corporation PLL502-37 Datasheet HTML 5Page - PhaseLink Corporation PLL502-37 Datasheet HTML 6Page - PhaseLink Corporation PLL502-37 Datasheet HTML 7Page - PhaseLink Corporation PLL502-37 Datasheet HTML 8Page - PhaseLink Corporation PLL502-37 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 4
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
At VCON = 1.65V
9.5
pF
Crystal Pullability
C0/C1 (xtal)
AT cut
250
-
Recommended ESR
RE
AT cut
30
Ω
Note: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the crystal will be at nomi-
nal frequency at this load. If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This however may
reduce the pull range.
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 25MHz;
XTAL C0/C1 < 250
0V
≤ VCON ≤ 3.3V
500
ppm
CLK output pullability
VCON=1.65V,
±1.65V
±200
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
k
Ω
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Fout<24MHz
60/28/15
24MHz<Fout<96MHz
65/45/30
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS/CMOS
96MHz<Fout<800MHz
100/80/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@
VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
±50
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com