Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL502-37 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-37
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-37 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-37 Datasheet HTML 1Page - PhaseLink Corporation PLL502-37 Datasheet HTML 2Page - PhaseLink Corporation PLL502-37 Datasheet HTML 3Page - PhaseLink Corporation PLL502-37 Datasheet HTML 4Page - PhaseLink Corporation PLL502-37 Datasheet HTML 5Page - PhaseLink Corporation PLL502-37 Datasheet HTML 6Page - PhaseLink Corporation PLL502-37 Datasheet HTML 7Page - PhaseLink Corporation PLL502-37 Datasheet HTML 8Page - PhaseLink Corporation PLL502-37 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 1
FEATURES
• Selectable 750kHz to 800MHz range.
• Low phase noise output (@ 10kHz frequency
offset, -142dBc/Hz for 19.44MHz, -125dBc/Hz for
155.52MHz, -115dBc/Hz for 622.08MHz).
• CMOS (PLL502-37), PECL (PLL502-35 and
PLL502-38) or LVDS (PLL502-39) output.
• 12 to 25MHz crystal input.
• No external load capacitor or varicap required.
• Output Enable selector.
• Wide pull range (+/-200 ppm)
• Selectable 1/16 to 32x frequency multiplier.
• 3.3V operation.
• Available in 16-Pin (TSSOP or 3x3mm QFN).
DESCRIPTION
The PLL502-35 (PECL with inverted OE), PLL502-37
(CMOS), PLL502-38 (PECL), and PLL502-39 (LVDS)
are high performance and low phase noise VCXO IC
chips. They provide phase noise performance as low
as –125dBc at 10kHz offset (at 155MHz), by multi-
plying the input crystal frequency up to 32x. The
wide pull range (+/- 200 ppm) and very low jitter
make them ideal for a wide range of applications,
including SONET/SDH and FEC. They accept fun-
damental parallel resonant mode crystals from 12 to
25MHz.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
^: Internal pull-up
*: On 3x3 package, PLL502-35/-38 do not have SEL0 available: Pin
10 is VDD, pin 11 is GND. However, PLL502-37/-39 have SEL0
(pin 10), and pin11 is VDD. See pin assignment table for details.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
PLL502-38
1
Tri-state
0
Tri-state
PLL502-35
PLL502-37
PLL502-39
1 (Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL502-38
Logical states defined by CMOS levels for PLL502-37/-39
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
SEL3^
SEL2^
OE
VCON
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND
P502-3x
GND
VDD
CLKT
CLKC
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
SEL3^
XOUT
SEL2^
OE
X+
X-
OE
Q
PLL502-3x
Vin
Q
PLL by-pass
SEL
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier
w/
integrated
varicaps


Similar Part No. - PLL502-37

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30DC PLL-PLL502-30DC Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30DI PLL-PLL502-30DI Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39UQC PLL-PLL502-39UQC Datasheet
245Kb / 6P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
More results

Similar Description - PLL502-37

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 122799
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
Low Phase Noise VCXOMultiplier
Revision 120600
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier XO
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com