Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9268 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9268
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 4Page - Maxim Integrated Products MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products MAX9268 Datasheet HTML 10Page - Maxim Integrated Products MAX9268 Datasheet HTML 11Page - Maxim Integrated Products MAX9268 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MAX9268 Evaluation Kit
8 ______________________________________________________________________________________
Table 1. MAX9268 EV Kit Jumper Descriptions (continued)
JUMPER
SIGNAL
SHUNT POSITION
DESCRIPTION
JU11
INT
1-2
INT = high
2-3
INT = low
JU21
AVDD
1-2*
AVDD power from 3.3V LDO U2, powered by VIN
Open
AVDD must be provided from an external source
JU22
DVDD
1-2*
DVDD power from 3.3V LDO U2, powered by VIN
Open
DVDD must be provided from an external source
JU23
IOVDD
1-2*
IOVDD power from 3.3V LDO U2, powered by VIN
Open
IOVDD must be provided from an external source
JU121
Reserved
Not installed*
Reserved for factory diagnostic tests
JU141
TX/SCL
Not installed*
Connects U1–U12 through level translator U14
JU142
RX/SDA
Not installed*
Connects U1–U12 through level translator U14
JU143
LFLT
Not installed*
Connects U1 to the USB through level translator U14
JU144
INT
Not installed*
Connects U1 to the USB through level translator U14
JU151
U15 AD2
1-2*
Selects U15 I2C device address
2-3
Selects U15 I2C device address
Open
Reserved for factory diagnostic tests
JU152
U15 AD0
1-2*
Selects U15 I2C device address
2-3
Selects U15 I2C device address
Open
Reserved for factory diagnostic tests
JU153
U15 SDA
1-2*
Connects U15 MAX7324 to the I2C bus; MS must be low (SW1) and
CDS must be low (JU1 = 2-3 on both boards)
Open
Disconnects U15 MAX7324 from the I2C bus; MS can be high (SW1)
JU154
U15 SCL
1-2*
Connects U15 MAX7324 to the I2C bus; MS must be low (SW1) and
CDS must be low (JU1 = 2-3 on both boards)
Open
Disconnects U15 MAX7324 from the I2C bus; MS can be high (SW1)
JU191
AUDIO_SCL
1-2*
U12 sends I2C initialization commands to audio chip U20
Open
Disconnects the audio I2C bus pullup resistor
JU192
AUDIO_SCL
1-2*
U12 sends the I2C initialization commands to audio chip U20
Open
Disconnects the audio I2C bus
JU193
AUDIO_SDA
1-2*
U12 sends the I2C initialization commands to audio chip U20
Open
Disconnects the audio I2C bus pullup resistor
JU194
AUDIO_SDA
1-2*
U12 sends the I2C initialization commands to audio chip U20
Open
Disconnects the audio I2C bus
JU201
U20 ADD
1-2*
U20 ADD = GND
Selects U20 device address 0010 000x (0x20) (on audio I2C bus)
3-4
U20 ADD = IOVDD
Selects U20 device address 0010 001x (0x22) (on audio I2C bus)
5-6
U20 ADD = AUDIO_SDA
Selects U20 device address 0010 011x (0x26) (on audio I2C bus)
Open
Reserved
JU202
HPS
1-2*
U20 MAX9850 headphone sense controlled by the insertion of
headphones
Open
U20 MAX9850 headphone sense switch forced open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com