Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9268 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9268
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products MAX9268 Datasheet HTML 10Page - Maxim Integrated Products MAX9268 Datasheet HTML 11Page - Maxim Integrated Products MAX9268 Datasheet HTML 12Page - Maxim Integrated Products MAX9268 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
MAX9268 Evaluation Kit
_______________________________________________________________________________________ 9
Table 1. MAX9268 EV Kit Jumper Descriptions (continued)
*Default position.
Table 2. Address-Select Jumpers (JU7, JU8)
*Device address is determined when power is applied.
JUMPER
SIGNAL
SHUNT POSITION
DESCRIPTION
JU203
I2S SD
1-2*
U1 I2S audio drives U20 MAX9850 audio DAC
Open
Disconnects the I2S signals
JU204
I2S SCK
1-2*
U1 I2S audio drives U20 MAX9850 audio DAC
Open
Disconnects the I2S signals
JU205
I2S WS
1-2*
U1 I2S audio drives U20 MAX9850 audio DAC
Open
Disconnects the I2S signals
JU206
MCLK
1-2*
U20 MCLK = PLL_OUT_MCLK from 4x PLL U29
2-3
U20 MCLK = CNTL2/MCLK from U1
JU251
U25 SYNC
1-2*
U25 operates in spread-spectrum mode with fOSC = 1200kHz
Q
60kHz
1-3
U25 operates in fixed-frequency mode with fOSC = 1400kHz
1-4
U25 operates in fixed-frequency mode with fOSC = external
TTL-compatible clock frequency
1-5
U25 operates in fixed-frequency mode with fOSC = 1100kHz
Open
Reserved
JU252
U25 SHDN
1-2*
U25 SHDN = high, enables speaker driver
2-3
U25 SHDN = low, disables speaker driver
Open
Reserved
JU253
U25 GAIN2
1-2*
JU253 and JU254 set the gain of U25
2-3
JU253 and JU254 set the gain of U25
Open
Reserved
JU254
U25 GAIN1
1-2*
JU253 and JU254 set the gain of U25
2-3
JU253 and JU254 set the gain of U25
Open
Reserved
JU255
U25 INL-
Not installed*
U25 input INL is ground referenced
Open
Reserved
JU256
U25 INR-
Not installed*
U25 input INR is ground referenced
Open
Reserved
JU7 SHUNT POSITION
ADD1
JU8 SHUNT POSITION
ADD0
MAX9268 ADDRESS
1-2
IOVDD
1-2
IOVDD
0xD4
1-3
Open
0xD8
1-4
GND
0xD0
1-3
Open
1-2
IOVDD
0x54
1-3
Open
0x58
1-4
GND
0x50
1-4*
GND
1-2
IOVDD
0x94
1-3
Open
0x98
1-4*
GND
0x90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com