Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2734Z Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734Z
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734Z Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2734Z Datasheet HTML 1Page - National Semiconductor (TI) LM2734Z Datasheet HTML 2Page - National Semiconductor (TI) LM2734Z Datasheet HTML 3Page - National Semiconductor (TI) LM2734Z Datasheet HTML 4Page - National Semiconductor (TI) LM2734Z Datasheet HTML 5Page - National Semiconductor (TI) LM2734Z Datasheet HTML 6Page - National Semiconductor (TI) LM2734Z Datasheet HTML 7Page - National Semiconductor (TI) LM2734Z Datasheet HTML 8Page - National Semiconductor (TI) LM2734Z Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Diagrams
20130305
6-Lead TSOT
NS Package Number MK06A
20130360
6-Lead LLP (3mm x 3mm)
NS Package Number SDE06A
Ordering Information
Order Number
Package Type
NSC Package Drawing
Package Marking
Supplied As
LM2734ZMK
TSOT-6
MK06A
SFTB
1000 Units on Tape and Reel
LM2734ZMKX
TSOT-6
MK06A
SFTB
3000 Units on Tape and Reel
LM2734ZSD
6-Lead LLP
SDE06A
L163B
1000 Units on Tape and Reel
LM2734ZSDX
6-Lead LLP
SDE06A
L163B
4500 Units on Tape and Reel
* Contact the local sales office for the lead-free package.
Pin Description
Pin
Name
Function
1
BOOST
Boost voltage that drives the internal NMOS control switch. A
bootstrap capacitor is connected between the BOOST and SW
pins.
2
GND
Signal and Power ground pin. Place the bottom resistor of the
feedback network as close as possible to this pin for accurate
regulation.
3
FB
Feedback pin. Connect FB to the external resistor divider to set
output voltage.
4
EN
Enable control input. Logic high enables operation. Do not allow
this pin to float or be greater than V
IN + 0.3V.
5V
IN
Input supply voltage. Connect a bypass capacitor to this pin.
6
SW
Output switch. Connects to the inductor, catch diode, and
bootstrap capacitor.
DAP
GND
The Die Attach Pad is internally connected to GND
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com