Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAN-06D2AX Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # SLAN-06D2AX
Description  3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLAN-06D2AX Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button SLAN-06D2AX Datasheet HTML 4Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 5Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 6Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 7Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 8Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 9Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 10Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 11Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302  Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
8
Jul. 13, 2015
Bel Power Inc., a subsidiary of Bel Fuse Inc.
NON-ISOLATED DC/DC CONVERTERS
3 Vdc – 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
Transient Response Waveforms
TIME, t (20s /div)
TIME, t (20s /div)
Transient Response to Dynamic Load Change from
50% to 100% at 8Vin, Cout-1x47uF+4x330uF, CTune-
33nF, RTune-178 . Vo=0.6V
Transient Response to Dynamic Load Change from
50% to 100% at 12Vin, Cout-1x47uF+3x330uF, CTune-
12nF & RTune-178. Vo=1.2V
TIME, t (20s /div)
TIME, t (20s /div)
Transient Response to Dynamic Load Change from
50% to 100% at 12Vin, Cout-1x47uF+1x330uF, CTune-
4700pF & RTune-178. Vo=1.8V
Transient Response to Dynamic Load Change from
50% to 100% at 12Vin, Cout-3x47uF, CTune-3300pF &
RTune-178. Vo=2.5V
TIME, t (20s /div)
TIME, t (20s /div)
Transient Response to Dynamic Load Change from
50% to 100% at 12Vin, Cout-3x47uF, CTune-3900pf &
RTune- 178. Vo=3.3V
Transient Response to Dynamic Load Change from
50% to 100% at 12Vin, Cout-2x47uF, CTune-2200pF &
RTune-261. Vo=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com