Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAN-06D2AX Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # SLAN-06D2AX
Description  3 Vdc ??14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLAN-06D2AX Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button SLAN-06D2AX Datasheet HTML 9Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 10Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 11Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 12Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 13Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 14Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 15Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 16Page - Bel Fuse Inc. SLAN-06D2AX Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302  Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
13
Jul. 13, 2015
Bel Power Inc., a subsidiary of Bel Fuse Inc.
NON-ISOLATED DC/DC CONVERTERS
3 Vdc – 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /6 A Outputs
Feature Descriptions
Remote On/Off
Parameter
Min
Typ
Max
Unit
Notes
Signal Low (Unit On)
Active Low
-0.2
-
0.4
V
The remote on/off pin open, Unit on.
Signal High (Unit Off)
3.0
-
Vin,max
V
Signal Low (Unit Off)
Active High
-0.2
-
0.3
V
The remote on/off pin open, Unit on.
Signal High (Unit On)
3.0
-
Vin,max
V
The SLAN-06D2Ax power modules feature an On/Off pin for remote On/Off operation. Two On/Off logic options
are available. In the Positive Logic On/Off option, (device code suffix “0” – see Ordering Information), the module
turns ON during a logic High on the On/Off pin and turns OFF during a logic Low. With the Negative Logic
On/Off option, (device code suffix “L” – see Ordering Information), the module turns OFF during logic High and
ON during logic Low. The On/Off signal should be always referenced to ground. For either On/Off logic option,
leaving the On/Off pin disconnected will turn the module ON when input voltage is present.
For positive logic modules, the circuit configuration for using the On/Off pin is shown in Figure 39. When the
external transistor Q1 is in the OFF state, the internal PWM Enable signal is pulled high through an internal
resistor and the external pullup resistor and the module is ON. When transistor Q1 is turned ON, the On/Off pin is
pulled low and the module is OFF. A suggested value for Rpullup is 20kΩ.
Figure 39
Circuit configuration for using positive On/Off logic.
For negative logic On/Off modules, the circuit configuration is shown in Fig. 40. The On/Off pin should be pulled
high with an external pull-up resistor (suggested value for the 3V to 14.4V input range is 20Kohms). When
transistor Q1 is in the OFF state, the On/Off pin is pulled high, internal transistor Q4 is turned ON and the module
is OFF. To turn the module ON, Q1 is turned ON pulling the On/Off pin low, turning transistor Q4 OFF resulting in
the PWM Enable pin going high and the module turning ON
.
Figure 40
Circuit configuration for using negative On/Off logic.
Rpullup
+
Q4
GND
Q2
22K
+VIN
V
VIN
ENABLE
ON/OFF
30K
0.047uF
30K
22K
MODULE
_
22K
22K
ON/OFF
Q3
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com