Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9496AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 4Page - Toshiba Semiconductor TC9496AF Datasheet HTML 5Page - Toshiba Semiconductor TC9496AF Datasheet HTML 6Page - Toshiba Semiconductor TC9496AF Datasheet HTML 7Page - Toshiba Semiconductor TC9496AF Datasheet HTML 8Page - Toshiba Semiconductor TC9496AF Datasheet HTML 9Page - Toshiba Semiconductor TC9496AF Datasheet HTML 10Page - Toshiba Semiconductor TC9496AF Datasheet HTML 11Page - Toshiba Semiconductor TC9496AF Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TC9496AF
2002-01-11
8
Pin No.
Symbol
Function
71
72
73
74
75
76
77
CS
IFCK
IFDI
IFDO
IFOK
ERR
I2CS
Microcontroller interface pins.
I2CS
Transmission Mode
0
Standard Transmission mode
1
I
2
C mode
Standard Transmission Mode
I
2
C Mode
CS
Chip select
Chip select (can be fixed to L)
IFCK
Transmit/receive clock
Transmit/receive clock
IFDI
Data or command input
Data input/output
IFDO
Data output (monitor mode)
Fixed to L output
ERR
Error flag signal output
Error flag signal output
IFOK
Internal operation confirmation
flag signal output
Internal operation confirmation flag
signal output
78
79
BA1
BA0
Self-boot start address setting pins (at reset)
BA1
BA0
Start Address
0
0
000h
0
1
001h
1
0
002h
1
1
003h
80
BOOT
Self-boot control pin
BOOT
Operation
0
Does not Self-boot at reset
1
Self-boot at reset
81
NC
Non-connecting. Select the open state, VDD connecting or GND connecting.
82 to 85
TST0 to
TST3
Test pin. Use fixed to L.
86 to 100
Omitted
¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com