Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9496AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC9496AF Datasheet HTML 1Page - Toshiba Semiconductor TC9496AF Datasheet HTML 2Page - Toshiba Semiconductor TC9496AF Datasheet HTML 3Page - Toshiba Semiconductor TC9496AF Datasheet HTML 4Page - Toshiba Semiconductor TC9496AF Datasheet HTML 5Page - Toshiba Semiconductor TC9496AF Datasheet HTML 6Page - Toshiba Semiconductor TC9496AF Datasheet HTML 7Page - Toshiba Semiconductor TC9496AF Datasheet HTML 8Page - Toshiba Semiconductor TC9496AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
TC9496AF
2002-01-11
3
Pin Function
Pin No.
Symbol
I/O
Function
Remarks
1
XI
I
Crystal oscillator connecting or external clock input pin
2
XO
O
Crystal oscillator connecting pin
3
VDX
¾
Power pin for oscillator circuit
4
GNDAL
¾
Ground pin for DAC Left channel
5
AOL
O
DAC Left channel signal output pin
6
AOLT
O
DAC Left channel attenuator output pin
7
VRLR
¾
Reference voltage pin for DAC L/R channel
8
AILT
I
DAC Left channel attenuator input pin
9
VDALR
¾
Power pin for DAC L/R channel
10
AIRT
I
DAC Right channel attenuator input pin
11
AORT
O
DAC Right channel attenuator output pin
12
AOR
O
DAC Right channel signal output pin
13
GNDAR
¾
Ground pin for DAC Right channel
14
GNDAC
¾
Ground pin for DAC Center channel
15
AOC
O
DAC Center channel signal output pin
16
AOCT
O
DAC Center channel attenuator output pin
17
VRCS
¾
Reference power pin for DAC C/SL/SR channel
18
AICT
I
DAC Center channel attenuator input pin
19
VRO
O
Reference voltage pin for attenuator (buffer output)
20
VRI
I
Reference voltage pin for attenuator (buffer input)
21
VDACS
¾
Power pin for DAC C/SL channel
22
AISLT
I
DAC SL channel attenuator input pin
23
AOSLT
O
DAC SL channel attenuator output pin
24
AOSL
O
DAC SL channel signal output pin
25
GNDASL
¾
Ground pin for DAC SL channel
26
GNDASR
¾
Ground pin for DAC SR channel
27
AOSR
O
DAC SR channel signal output pin
28
AOSRT
O
DAC SR channel attenuator output pin
29
AISRT
I
DAC SR channel attenuator input pin
30
VDASR
¾
Power pin for DAC SR channel
31
NC
¾
Non-Connecting
Select the open state, VDD
connecting or GND
connecting
32
TP0
O
Test pin 0
33
TP1
O
Test pin 1
34
TP2
O
Test pin 2
35
TP3
O
Test pin 3
36
TP4
O
Test pin 4
37
NC
¾
Non-Connecting
Select the open state, VDD
connecting or GND
connecting
38
VDDR
¾
Power pin for delay RAM
39
GNDR
¾
Ground pin for delay RAM
40
TP5
O
Test pin 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com