Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90821 Datasheet(PDF) 18 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 18 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 22Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 18 of 40
REV 004 – 4 MAR 2021
3901090821
Analog Front End
The analog front end of the MLX90821 consists of a chopping stage and 3 amplification stages as can be seen in
Figure 9. There are also several input diagnostics integrated into this front end to be able to detect a broken InP
or InN connection or an input which is out of range. This diagnostic information is transferred to the
microcontroller to handle further action for example flagging a diagnostic message.
OPA
OPA
G = 4.5 to 10.5
3 bits
G = 1.6, 3.2 or 6.4
InP
InN
G = 1.25 or 3.5
CSOF: 1/3 to 2/3
of VDDA
Stage 1:
Instrumentation amplifier
Stage 2:
Differential amplifier
Stage 3:
Integrator
Chopping
1us/phase
Input
Diag
nostics
Figure 9: Analog front end block diagram
The first stage is an instrumentation amplifier of which the gain can be programmed using 3 bits to cover a gain
range between 4.5 and 10.6.
Transfer equation:
OUTP1 – OUTN1 = Gst1*(InP – InN) in phase 1
OUTP1 – OUTN1 = Gst1*(InN – InP) in phase 2
The second stage is a fully differential amplifier. The gain of the amplifier can be calibrated using 1 bit.
Transfer equation:
OUTP2 – OUTN2 = -Gst2*(OUTP1 – OUTN1) – Gst2*(CSOF1 – CSOF2) in phase 1
OUTP2 – OUTN2 = -Gst2*(OUTN1 – OUTP1) – Gst2*(CSOF2 – CSOF1) in phase 2
The CSOF1 and CSOF2 signals are generated by the coarse offset DAC with the following transfer functions:
( )
127
]
0
:
6
[
*
2
*
3
1
3
2
*
1
2
1
7
CO
VDDA
VDDA
CSOF
CO
 −
−
+
=
( )
127
]
0
:
6
[
*
2
*
3
1
3
2
*
1
2
2
7
CO
VDDA
VDDA
CSOF
CO
 −
−
−
=
CO[6:0] fixes the DAC output. CO7 is used for the polarity.
The third stage is an integrator which is controlled using 2 bits to set a gain between 1.6 and 6.4
Transfer equation at the outputs of the amplifier:
OUTP3 – OUTN3 = -N*(C1/C2)*(OUTP2 – OUTN2)
OUTP3_common_mode and OUTN3_common_mode = VCM = VDDA/2
In this equation N represents the number of integration cycles which is a fixed value of N = 40.
C2 is a fixed feedback capacitor of approximately 5pF. C1 can have 3 different values: 0.2pF, 0.4pF or 0.8pF.
Transfer equation after the ADC:
Pressure_ADC = ((OUTN3 – OUTP3)*216/VDDA) + 32768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com