| Electronic Components Datasheet Search |
|
MLX90821 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90821 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems |
|
21 / 40 page ![]() MLX90821 Relative Pressure Sensor IC Page 21 of 40 REV 004 – 4 MAR 2021 3901090821 NTC Temperature Linearization The linearization of the NTC temperature signal is split up in several stages. A schematic overview of these steps can be seen in Figure 11. VDDA Rs Rntc VDDA/2 ADC Vdiv ADC_raw[15:0] Calibration & Compensation LUT ADC_ROM => Tntc ADC_comp[15:0] 3 or 4 points MLX calibration @ 3 temp Figure 11: Block diagram NTC linearization The complete system can be divided into 5 separate stages. 1. A resistor divider with internal resistor Rs is used to linearize Rntc into a voltage. 2. A fully differential amplifier with unity gain is used to drive the ADC. 3. The 16-bit ADC is being used to convert the analog resistor divider output voltage into a digital signal called ADC_raw. 4. With the help of calibration data saved in EEPROM the microcontroller will perform a first compensation on ADC_raw converting in to ADC_comp. This new value is targeted to be as close as possible to the value ADC_ROM. 5. Finally a look up table (LUT) will be used to convert the ADC_ROM values into the Tntc value which is the desired linearized NTC temperature. The default optional NTC characteristic can be found in Table 14. When using an NTC which does not match the coefficients described above, it is advised to contact Melexis. The EEPROM coefficients which are used for the conversion from ADC_raw to ADC_comp are N0 to N3, N0_Diff_Low to N3_Diff_Low, N0_Diff_High to N3_Diff_High and TEMP1 to TEMP3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |