Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1628EO Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # CS1628EO
Description  18-Bit 3.3V Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

CS1628EO Datasheet(HTML) 2 Page - Integrated Circuit Systems

  CS1628EO Datasheet HTML 1Page - Integrated Circuit Systems CS1628EO Datasheet HTML 2Page - Integrated Circuit Systems CS1628EO Datasheet HTML 3Page - Integrated Circuit Systems CS1628EO Datasheet HTML 4Page - Integrated Circuit Systems CS1628EO Datasheet HTML 5Page - Integrated Circuit Systems CS1628EO Datasheet HTML 6Page - Integrated Circuit Systems CS1628EO Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS162835
Advance Information
0713—09/23/02
General Description
The ICS162835 low voltage 18-bit register combines D-type latches and D-type flip-flops to allow data flow in
transparent, latched and clocked modes. Date flow is controlled by output-enable (OE#), latch enable (LE), and
clock (CLK) inputs. The device operates in transparent mode when LE is held high. The device operates in
clocked mode when LE is low and CLK is toggled. Data transfers from the inputs (A[18:1]) to outputs (Y[18:1])
on a positive edge transition of the clock. When OE# is low, the output state is enabled. When OE# is high,
the output port is in a high impedance state.
The 18-bit registered buffer is designed to operate with a 3.0V to 4.6V supply voltage.
All inputs support operation with standard LVTTL interface levels. This includes data inputs, clock inputs and
control inputs. Device outputs meet the requirements of the PC133 Registered DIMM specification. The device
functions as defined supports latched, registered and flow through modes of operations. The PC133
Specification requires only registered mode.
Package is a 56 thin shrink small-outline package as defined by JEDEC Publication, JEP95, MO-153.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com