Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1628EO Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # CS1628EO
Description  18-Bit 3.3V Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

CS1628EO Datasheet(HTML) 3 Page - Integrated Circuit Systems

  CS1628EO Datasheet HTML 1Page - Integrated Circuit Systems CS1628EO Datasheet HTML 2Page - Integrated Circuit Systems CS1628EO Datasheet HTML 3Page - Integrated Circuit Systems CS1628EO Datasheet HTML 4Page - Integrated Circuit Systems CS1628EO Datasheet HTML 5Page - Integrated Circuit Systems CS1628EO Datasheet HTML 6Page - Integrated Circuit Systems CS1628EO Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ICS162835
Advance Information
0713—09/23/02
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to + 150°C
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . -0.5 to 4.6V
Input Voltage (VI) . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 4.6V
Output Voltage (VO) . . . . . . . . . . . . . . . . . . . . -0.5 to VDDQ + 0.5
Input Clamp Current (IIK) . . . . . . . . . . . . . . . . 50 mA
Output Clamp Current (IOK) . . . . . . . . . . . . . . ±50 mA
Continuous Output Current (IO) . . . . . . . . . . . ±50 mA
VDD, VDDQ or GND Current/Pin . . . . . . . . . . . ±100 mA
Package Thermal Impedance
, OJA . . . . . . . . . . . 64°C/W
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Recommended Operating Conditions
PARAMETER
MIN
TYP
MAX
VDD
3.0
3.3
3.6
VIN
-0.3
3.6
0VDD
0VDD
TA
070
VOUT
Voltage Applied to
output or I/O pins
Outputs enabled
Outputs high-Z
DESCRIPTION
Supply Voltage
Voltage Applied to input pins
Operating free-air temperature
Switching Characteristics
MIN
MAX
tPLH, tPHL
Propagation Delay CLK to
Yx
1.8
3.5
ns
tSK(0)
Output Skew*
-
500
ps
fCLOCK
150
-
MHz
Symbol
VCC = 3.3V ± 0.15V
UNITS
Parameter
* Skew between any two putputs of the same package and switching in the
same direction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com