Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP064B Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # ATXP064B
Description  8 Mbit, 1.65V - 3.6V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP064B Datasheet(HTML) 2 Page - Dialog Semiconductor

  ATXP064B Datasheet HTML 1Page - Dialog Semiconductor ATXP064B Datasheet HTML 2Page - Dialog Semiconductor ATXP064B Datasheet HTML 3Page - Dialog Semiconductor ATXP064B Datasheet HTML 4Page - Dialog Semiconductor ATXP064B Datasheet HTML 5Page - Dialog Semiconductor ATXP064B Datasheet HTML 6Page - Dialog Semiconductor ATXP064B Datasheet HTML 7Page - Dialog Semiconductor ATXP064B Datasheet HTML 8Page - Dialog Semiconductor ATXP064B Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
DS-XP064B–172C–8-2020
PRELIMINARY DATASHEET
ATXP064B
8 Mbit, 1.65V - 3.6V Range
SPI Serial Flash Memory with Multi-I/O Support
Features
Optimized for eXecute-in-Place (XiP) operations
Instant on
Reduces average latency for improving CPU
performance
Enables 40% higher CPU performance than the basic
octal SPI protocol
High throughput
Octal xSPI mode (8-8-8) with dual data rate (DDR)
170 MHz maximum operating frequency in octal DDR
mode
Up to 340 MBytes per second data rate in octal DDR
mode
Full JESD251, and JESD216D compatibility
Supports SPI modes 0 and 3
Low power dissipation
60 nA ultra-deep power-down current (typical)
4 µA deep power-down current (typical)
10 µA standby current (typical, for SPI Mode)
37 µA standby current (typical, for octal mode)
10 mA active read current (typical @ 66 MHz for SPI
Mode @ 1 pF load)
34 mA active read current (typical, @ 133 MHz, for octal
mode dual data rate @ 1 pF load)
Concurrent Read and Write
Simultaneous execution of Read and Write operations
No additional delay executing Read commands issued
during Program or Erase
Flexible boundary between Data Storage Area and
Read While Write Area
Single voltage operation with range of 1.7V to 1.95V
Flexible, optimized erase architecture for code + data
storage applications
Uniform 4-Kbyte block erase
Uniform 32-Kbyte block erase
Uniform 64-Kbyte block erase
Full chip erase
Hardware controlled locking of protected sectors via WP
pin
256-byte, One-Time Programmable (OTP) security register
128 bytes factory programmed with unique identifier
128 bytes user programmable
Flexible programming
Byte/page program (1 to 256 bytes)
Single and octal-input byte/page program (1 to 256
bytes)
Write-to-buffer and write-buffer-to-memory
commands
Active status interrupt when program or erase
operation has finished
Program and erase suspend/resume
Power optimized program and erase control
Automatic deep power-down or ultra-deep power-
down upon the completion of program or erase
operation
Automatic checking and reporting of program/erase
failures
Software controlled reset
Hardware reset pin
JEDEC standard (JESD252) hardware reset
JEDEC standard (JEP106AX) manufacturer and device ID
read methodology
Support for Serial Flash Discoverable Parameters (SFDP)
Programmable I/O drive strength
Endurance: 100,000 program/erase cycles
Data Retention: 20 years
Complies with full industrial temperature range
-40°C - 85°C for packaged parts
-40°C - 105°C for Die Wafer Form (DWF)
Industry standard green (Pb/halide-free/RoHS compliant)
package options
24-ball BGA
46-ball WLCSP
Die Wafer Form (DWF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com