Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXP064B Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # ATXP064B
Description  8 Mbit, 1.65V - 3.6V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP064B Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button ATXP064B Datasheet HTML 17Page - Dialog Semiconductor ATXP064B Datasheet HTML 18Page - Dialog Semiconductor ATXP064B Datasheet HTML 19Page - Dialog Semiconductor ATXP064B Datasheet HTML 20Page - Dialog Semiconductor ATXP064B Datasheet HTML 21Page - Dialog Semiconductor ATXP064B Datasheet HTML 22Page - Dialog Semiconductor ATXP064B Datasheet HTML 23Page - Dialog Semiconductor ATXP064B Datasheet HTML 24Page - Dialog Semiconductor ATXP064B Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
21
ATXP064B
DS-XP064B–172C–8-2020
Read Sector Protection
Registers
3Ch
0011 1100
66 MHz
170 MHz
4
0
4
4
1+
10.6
Security Commands
Program OTP Security
Register
9Bh
1001 1011
66 MHz
170 MHz
4
0
0
0
1+
11.1
Read OTP Security
Register
77h
0111 0111
66 MHz
170 MHz
4
1
8+(1)
8+(1)
1+
11.2
Status/Control Register Commands
Read Status/Control
Registers
65h
0110 0101
66 MHz
170 MHz
1
1
4
3 (2)
1+
12.5
Read Status Register Byte 1 05h
0000 0101
66 MHz
170 MHz
0
0
4
4
1+
12.6
Active Status Interrupt
25h
0010 0101
66 MHz
170 MHz
0
1
4
4
0
12.10
Write Status/Control
Registers
71h
0111 0001
66 MHz
170 MHz
1
0
0
0
1+
12.7
Write Status Register Byte 1 01h
0000 0001
66 MHz
170 MHz
0
0
0
0
1
12.8
Write Status Register Byte 2 31h
0011 0001
66 MHz
170 MHz
0
0
0
0
1
12.9
Miscellaneous Commands
Terminate Operation
F0h
1111 0000
66 MHz
170 MHz
0
0
0
0
1 (D0h)
13.8
Reset Enable
66h
0110 0110
66 MHz
170 MHz
0
0
0
0
0
13.9
Reset
99h
1001 1001
66 MHz
170 MHz
0
0
0
0
0
13.9
Deep Power-Down
B9h
1011 1001
66 MHz
170 MHz
0
0
0
0
0
13.2
Resume from Deep Power-
Down or Ultra-Deep Power-
Down (ABh)
ABh
1010 1011
66 MHz
170 MHz
0
0
0
0
0
13.4
Ultra-Deep Power-Down
79h
0111 1001
66 MHz
170 MHz
0
0
0
0
0
13.5
Read SFDP
5Ah
0101 1010
50 MHz
50 MHz
3
1
8
8(2)
1+
13.17
1.
See
Table 12-8, Dummy Clock Cycles and Maximum Operating Frequency — -40 oC to +85 oC.
2.
Octal DDR mode adds an additional ½ dummy cycle to align the first byte of data to the rising edge of SCK/DS.
Table 7-1.
Command Listing 1 — Commands Used in All Modes (Continued)
Command
Command
Max Clock
Freq in
SPI Mode
Max Clock
Freq. in Octal
Modes
Address
Bytes
Dummy
Bytes in
SPI
Mode
Dummy Cycles
in Octal Mode
Data
Bytes
Section
Link
SDR
DDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com