Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC866PZP100A Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC866PZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 44Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 45Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 46Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 47Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 48Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 49Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 50Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 51Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
48
Freescale Semiconductor
CPM Electrical Characteristics
Figure 40. Boundary Scan (JTAG) Timing Diagram
12 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module (CPM) of
the MPC866/859.
12.1 PIP/PIO AC Electrical Specifications
Table 16 shows the PIP/PIO AC timings as shown in Figure 41 through Figure 45.
Table 16. PIP/PIO Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
21
Data-in setup time to STBI low
0
—
ns
22
Data-In hold time to STBI high
2.5 – t3 1
1
t3 = Specification 23
—clk
23
STBI pulse width
1.5
—
clk
24
STBO pulse width
1 clk – 5ns
—
ns
25
Data-out setup time to STBO low
2
—
clk
26
Data-out hold time from STBO high
5
—
clk
27
STBI low to STBO low (Rx interlock)
—
2
clk
28
STBI low to STBO high (Tx interlock)
2
—
clk
29
Data-in setup time to clock high
15
—
ns
30
Data-in hold time from clock high
7.5
—
ns
31
Clock low to data-out valid (CPU writes data, control, or direction)
—
25
ns
TCK
Output
Signals
Output
Signals
Output
Signals
J92
J94
J93
J95
J96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com