Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC859PCZP100A Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPC859PCZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC859PCZP100A Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPC859PCZP100A Datasheet HTML 68Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 69Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 70Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 71Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 72Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 73Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 74Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 75Page - NXP Semiconductors MPC859PCZP100A Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
72
Freescale Semiconductor
UTOPIA AC Electrical Specifications
Figure 71 shows the I2C bus timing.
Figure 71. I2C Bus Timing Diagram
13 UTOPIA AC Electrical Specifications
Table 30 through Table 32 show the AC electrical specifications for the UTOPIA interface.
Table 30. UTOPIA Master (Muxed Mode) Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (Internal clock option)
Output
—
4
ns
Duty cycle
50
50
%
Frequency
—
33
MHz
U2
UTPB, SOC, RxEnb, TxEnb, RxAddr, and TxAddr-active
delay (and PHREQ and PHSEL active delay in MPHY mode)
Output
2
16
ns
U3
UTPB, SOC, Rxclav and Txclav setup time
Input
4
—
ns
U4
UTPB, SOC, Rxclav and Txclav hold time
Input
1
—
ns
Table 31. UTOPIA Master (Split Bus Mode) Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (Internal clock option)
Output
—
4
ns
Duty cycle
50
50
%
Frequency
—
33
MHz
U2
UTPB, SOC, RxEnb, TxEnb, RxAddr and TxAddr active
delay (PHREQ and PHSEL active delay in MPHY mode)
Output
2
16
ns
U3
UTPB_Aux, SOC_Aux, Rxclav, and Txclav setup time
Input
4
—
ns
U4
UTPB_Aux, SOC_Aux, Rxclav, and Txclav hold time
Input
1
—
ns
SCL
202
205
203
207
204
208
206
209
211
210
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com