Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1562B Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS1562B
Description  User Programmable Differential Output Graphics Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1562B Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS1562B Datasheet HTML 2Page - Integrated Circuit Systems ICS1562B Datasheet HTML 3Page - Integrated Circuit Systems ICS1562B Datasheet HTML 4Page - Integrated Circuit Systems ICS1562B Datasheet HTML 5Page - Integrated Circuit Systems ICS1562B Datasheet HTML 6Page - Integrated Circuit Systems ICS1562B Datasheet HTML 7Page - Integrated Circuit Systems ICS1562B Datasheet HTML 8Page - Integrated Circuit Systems ICS1562B Datasheet HTML 9Page - Integrated Circuit Systems ICS1562B Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Figure 6
VCO GAIN
MAX FREQUENCY
4
120 MHz
5
200 MHz
6
260 MHz
7*
*SPECIAL APPLICATION. Contact factory for custom product above
260 MHz.
•
Phase Detector Gain: For most graphics applications and
divider ranges, set P[1, 0] = 10 and set P[2] = 1. Under
some circumstances, setting the P[2] bit “on” can reduce
jitter. During 1562 operation at exact multiples of the
crystal frequency, P[2] bit = 0 may provide the best jitter
performance.
Board Test Support
It is often desirable to statically control the levels of the output
pins for circuit board test. The ICS1562B supports this through
a register programmable mode, AUXEN. When this mode is
set, two register bits directly control the logic levels of the
CLK+/CLK- pins and the LOAD pin. This mode is activated
when the S[0] and S[1] bits are both set to logic 1. See Register
Mapping for details.
Power Supplies and Decoupling
The ICS1562B has two VSS pins to reduce the effects of
package inductance. Both pins are connected to the same
potential on the die (the ground bus). BOTH of these pins
should connect to the ground plane of the video board as close
to the package as is possible.
The ICS1562B has a VDDO pin which is the supply of +5 volt
power to all output drivers. This pin should be connected to the
power plane (or bus) using standard high-frequency decou-
pling practice. That is, capacitors should have low series induc-
tance and be mounted close to the ICS1562B.
The VDD pin is the power supply pin for the PLL synthesizer
circuitry and other lower current digital functions. We recom-
mend that RC decoupling or zener regulation be provided for
this pin (as shown in the recommended application circuitry).
This will allow the PLL to “track” through power supply
fluctuations without visible effects. See Figure 6 for typical
external circuitry.
ICS1562B
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com