Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB4FD21 Datasheet(PDF) 2 Page - Schneider Electric

Part # XB4FD21
Description  Harmony XB4, Selector switch flush mounted, metal, black, 횠30, 2 positions, stay put, 1 NO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4FD21 Datasheet(HTML) 2 Page - Schneider Electric

  XB4FD21 Datasheet HTML 1Page - Schneider Electric XB4FD21 Datasheet HTML 2Page - Schneider Electric XB4FD21 Datasheet HTML 3Page - Schneider Electric XB4FD21 Datasheet HTML 4Page - Schneider Electric XB4FD21 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fixing center
40 x 50 mm 1...6 mm thick panel)
Fixing mode
By screws
Contacts usage
Standard contacts
Positive opening
Without
Torque value
1.24 lbf.in (0.14 N.m) NO changing electrical state
Mechanical durability
1000000 cycles
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross compatible with Philips no 1 screwdriver
Cross compatible with pozidriv No 1 screwdriver
Slotted compatible with flat Ø 4 mm screwdriver
Slotted compatible with flat Ø 5.5 mm screwdriver
Contacts material
Silver alloy (Ag/Ni)
Short-circuit protection
10 A cartridge fuse gG EN/IEC 60947-5-1
[Ith] conventional free air thermal
current
10 A EN/IEC 60947-5-1
[Ui] rated insulation voltage
600 V 3)EN 60947-1
[Uimp] rated impulse withstand voltage
6 kV EN 60947-1
[Ie] rated operational current
3 A 240 V, AC-15, A600 EN/IEC 60947-5-1
6 A 120 V, AC-15, A600 EN/IEC 60947-5-1
0.1 A 600 V, DC-13, Q600 EN/IEC 60947-5-1
0.27 A 250 V, DC-13, Q600 EN/IEC 60947-5-1
0.55 A 125 V, DC-13, Q600 EN/IEC 60947-5-1
1.2 A 600 V, AC-15, A600 EN/IEC 60947-5-1
Electrical durability
1000000 cycles, AC-15, 2 A 230 V 3600 cyc/h 0.5 EN 60947-5-1 appendix C
1000000 cycles, AC-15, 3 A 120 V 3600 cyc/h 0.5 EN 60947-5-1 appendix C
1000000 cycles, AC-15, 4 A 24 V 3600 cyc/h 0.5 EN 60947-5-1 appendix C
1000000 cycles, DC-13, 0.2 A 110 V 3600 cyc/h 0.5 EN 60947-5-1 appendix C
1000000 cycles, DC-13, 0.5 A 24 V 3600 cyc/h 0.5 EN 60947-5-1 appendix C
Electrical reliability
Λ < 10exp(-6) 5 V 1 mA in clean environment EN/IEC 60947-5-4
Λ < 10exp(-8) 17 V 5 mA in clean environment EN/IEC 60947-5-4
Device presentation
Complete product
Environment
Protective treatment
TH
Ambient Air Temperature for Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class I conforming to IEC 60536
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
IP69 conforming to IEC 60529
IP69K conforming to ISO 20653
Type 13 UL 50 E
Type 12 UL 50 E
Type 4 UL 50 E
Type 4X UL 50 E
IK degree of protection
IK06 IEC 50102
Standards
CSA C22.2 No 14
EN/IEC 60947-5-1
EN/IEC 60947-5-4
UL 508
EN/IEC 60947-1
JIS C8201-5-1
CE
JIS C8201-1
Product Certifications
UL Listed
CSA
CCC
EAC
Vibration resistance
5 gn 10…500 Hz)IEC 60068-2-6
2 mm peak to peak 2…10 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com