Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB4FD21 Datasheet(PDF) 4 Page - Schneider Electric

Part # XB4FD21
Description  Harmony XB4, Selector switch flush mounted, metal, black, 횠30, 2 positions, stay put, 1 NO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4FD21 Datasheet(HTML) 4 Page - Schneider Electric

  XB4FD21 Datasheet HTML 1Page - Schneider Electric XB4FD21 Datasheet HTML 2Page - Schneider Electric XB4FD21 Datasheet HTML 3Page - Schneider Electric XB4FD21 Datasheet HTML 4Page - Schneider Electric XB4FD21 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product data sheet
Dimensions Drawings
XB4FD21
Dimensions
e : clamping thickness: 1 to 6 mm / 0.04 to 0.24 in.
(1) : Additional row of contacts
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com