Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1889 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # SC1889
Description  Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1889 Datasheet(HTML) 1 Page - Maxim Integrated Products

  SC1889 Datasheet HTML 1Page - Maxim Integrated Products SC1889 Datasheet HTML 2Page - Maxim Integrated Products SC1889 Datasheet HTML 3Page - Maxim Integrated Products SC1889 Datasheet HTML 4Page - Maxim Integrated Products SC1889 Datasheet HTML 5Page - Maxim Integrated Products SC1889 Datasheet HTML 6Page - Maxim Integrated Products SC1889 Datasheet HTML 7Page - Maxim Integrated Products SC1889 Datasheet HTML 8Page - Maxim Integrated Products SC1889 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
19-6955; Rev 0.1; August 2014
1
General Description
The SC1889 is part of Scintera’s 2nd generation RF
PA linearizer (RFPAL
™) family providing increased
ACLR correction over the previous generation as well
as support for EVDO, TD-SCDMA, WiMAX
®, HSDPA,
LTE, and TD-LTE waveforms. The SC1889 is a fully-
adaptive,
RFin/RFout
predistortion
linearization
solution
that
precisely
compensates
RF
power
amplifier (PA) non-linearities including AM/AM and
AM/PM distortion, spectral regrowth, memory effects
and other system level impairments.
The SC1889 substantially increases the final stage
PA efficiency by reducing out-of-band energy. The
SC1889 is a complete system-on-chip (SoC) solution
optimized for Class A/AB and Doherty RF power
amplifiers operating at a power level of 5W to 60W
(RMS). The SC1889 measures the feedback signal
from the power amplifier output, and optimizes the
correction function by minimizing distortion. SC1889
correction function is generated using RF-domain
analog signal processing allowing the SC1889 to
operate over a wide bandwidth at very low power
consumption.
Applications
 Cellular Infrastructure
o
Single/Multicarrier, Multistandard:
WCDMA/EVDO, TD-SCDMA, WiMAX,
WCDMA/HSDPA, LTE, and TD-LTE
o
Traditional In-Cabinet BTS Amplifiers, RRU,
Tower Mounted Power Amplifiers, Microwave
Backhaul, Booster Amplifiers, Microcells,
Picocells, DAS, AAS, and MIMO Systems
 Other Applications
o
Software Defined Radios (SDRs), Mobile
Military Communications, and TV White
Space
o
Any Application Requiring PA Linearization
 Wide Range of PAs and Output Power
o
Amplifier: Class A/AB and Doherty
o
PA Output Power: Up to 60W (RMS)
o
PA Process: LDMOS, GaAs, and GaN
Features
SC1889 (PC = 00): RFPAL
 RFin/RFout PA Linearizer SoC in Standard
CMOS
 Fully Adaptive Compensation
 Low Power Consumption:
o
Duty Cycled (9 %) Feedback: 420mW
o
Full Adaptation: 1.06W
 Frequency Range: 698MHz to 2800MHz
 Input Signal Bandwidth: Up to 60MHz
 Up to 28dB ACLR and 38dB IMD Improvement*
 Packaged in 9mmx9mm QFN Package
 Operating Case Temperature: -40°C to +100°C
 Fully RoHS Compliant, Green Materials
 Pin Compatible with SC1887 and SC1869
SC1889 (PC = 11): RFPAL + PMU (Optional)**
 Dual RMS Power Measurement Unit (RFIN and
RFFB)
o
30dB of Dynamic Range
o
0.10dB Typical Accuracy (Top 20dB)
o
0.50dB Typical Accuracy (Bottom 10dB)
 Frequency Range: 698MHz to 2200MHz
Benefits
 Ease of Use
o
Integrated RFin/RFout Solution
o
Operates Over Wide Frequency Band
o
Reduced Software Development
o
No Algorithm Development or Control
Required—Automatically Adjusts to the
Signal and PA Environment
o
Supports Wide Range of Modulation
Schemes
 Smaller Total System Form Factors
o
Reduced Heatsink Size and Weight
o
Small Implementation Size (< 9cm
2)
 Reduces Operating Costs
o
Reduces Energy Consumption Supporting
Green Initiatives
o
Reduces Amplifier Power Consumption and
Thermal Dissipation
o
Increases Amplifier Reliability
 Reduces BOM Costs and Total Volume
o
Power Supply, Heatsink, and Enclosure
o
Reduced Back-Off Reduces Transistor Costs
SC1889
Adaptive RF Power Amplifier Linearizer
and Dual RMS Power Measurement Unit
*Performance dependent on amplifier, bias, and waveform.
**Refer to the SC1889-PMU0011 data sheet for detailed
specifications.


Similar Part No. - SC1889

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
498Kb / 5P
45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
221Kb / 5P
44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
498Kb / 5P
45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11SRWA KINGBRIGHT-SC18-11SRWA Datasheet
498Kb / 5P
45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC1889

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFA2600 MOTOROLA-MRFA2600 Datasheet
169Kb / 4P
RF POWER AMPLIFIER
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
TRUE RMS RF POWER DETECTOR
logo
Analog Devices
CN-0187 AD-CN-0187 Datasheet
170Kb / 7P
Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
REV. 0
HMC1030LP5E AD-HMC1030LP5E Datasheet
4Mb / 38P
DUAL RMS POWER DETECTOR
logo
Bosch Sensortec GmbH
BMI160 BOSCH-BMI160 Datasheet
2Mb / 112P
Small, low power inertial measurement unit
BMI260 BOSCH-BMI260 Datasheet
217Kb / 2P
Accurate, low-power Inertial Measurement Unit (IMU)
BMI270 BOSCH-BMI270 Datasheet
198Kb / 2P
Smart ultra-low power Inertial Measurement Unit (IMU)
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1894 MAXIM-SC1894 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com