Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS557-01
Description  PCI-EXPRESS CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS557-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-01 F
5
Revision 011606
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-01
LVDS Compatible Layout Guidelines
Figure 3: LVDS Device Routing
Typical LVDS Waveform
LVDS Recommendations for Differential Routing
Dimension or Value
Unit
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
RP
100
ohm
RQ
100
ohm
RT
150
ohm
L3 length, Route as coupled 50 ohm differential trace.
L3 length, Route as coupled 50 ohm differential trace.
L1
L2’
L3
L1’
L2
L3’
R
Q
R
P
LVDS
Device
Load
ICS557-01
Clock
Output
R
T
R
T
1150 mV
1250 mV
t
OR
t
OF
500 ps
500 ps
1325 mV
1000 mV
1150 mV
1250 mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com