Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS557-01
Description  PCI-EXPRESS CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS557-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-01 F
7
Revision 011606
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-01
AC Electrical Characteristics - CLK/CLK
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
°C
1 Test setup is R
L=50 ohms with 2 pF, RR = 475Ω (1%).
2 Measurement taken from a single-ended waveform.
3 Measurement taken from a differential waveform.
4 Measured at the crossing point where instantaneous voltages of both CLKOUT and CLKOUT are equal.
5 CLKOUT pins are tri-stated when OE is low asserted. CLKOUT is driven differential when OE is high.
Thermal Characteristics (8-pin SOIC)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
100
MHz
Output High Voltage1,2
VOH
660
700
850
mV
Output Low Voltage1,2
VOL
-150
0
mV
Crossing Point
Voltage1,2
Absolute
250
350
550
mV
Crossing Point
Voltage1,2,4
Variation over all edges
140
mV
Jitter, Cycle-to-Cycle1,3
100
ps
Rise Time1,2
tOR
from 0.175 V to 0.525 V
175
332
700
ps
Fall Time1,2
tOF
from 0.525 V to 0.175 V
175
344
700
ps
Rise/Fall Time
Variation1,2
125
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
30
µs
Output Disable Time5
All outputs
30
µs
Stabilization Time
tSTABLE From power-up VDD=3.3 V
3.0
ms
Spread Change Time
tSPREAD Settling period after spread change
3.0
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com