Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-06 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS557-06
Description  ONE TO FOUR HCSL CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-06 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS557-06 Datasheet HTML 1Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-06 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS557-06
MDS 557-06 C
1
Revision 010306
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
ONE TO FOUR HCSL CLOCK BUFFER
Description
The ICS557-06 is a one to four differential clock buffer
designed for use in PCI-Express applications. The
device selects one of the two differential HCSL or LVDS
input pairs and fans out to four pairs of differential
HCSL or LVDS outputs.
Features
• Packaged in 20-pin TSSOP
• Available in Pb (lead) free package
• Operating voltage of 3.3 V
• Low power consumption
• Input differential clock of up to 200 MHz for HCSL
and up to 100 MHz for LVDS
• Jitter 100 ps (peak-to-peak)
• Output-to-output skew of 50 ps
Block Diagram
VDD
CLKA
CLKA
Rr (IREF)
CLKB
CLKB
CLKC
CLKC
CLKD
CLKD
SEL
GND
IN1
IN1
IN2
IN2
MUX
2 to 1
OE
2
2
PD


Similar Part No. - ICS557-06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
ICS557-06 IDT-ICS557-06 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
More results

Similar Description - ICS557-06

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
logo
ON Semiconductor
NB3N5573 ONSEMI-NB3N5573 Datasheet
114Kb / 7P
3.3V, Crystal - To- HCSL Clock Generator
August, 2007 - Rev. 1
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S Datasheet
370Kb / 10P
PCI Express 1:8 HCSL Clock Buffer
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
logo
Maxim Integrated Produc...
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
logo
ON Semiconductor
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
logo
Pericom Semiconductor C...
PI6C20800B PERICOM-PI6C20800B Datasheet
701Kb / 10P
PCI Express 3.0 1:8 HCSL Clock Buffer
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
PCI Express 1:8 HCSL Clock Buffer
logo
Renesas Technology Corp
IDT74FCT163344A RENESAS-IDT74FCT163344A Datasheet
252Kb / 8P
3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com