Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9230 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9230
Description  Ultra-Low Quiescent Current Buck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9230 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9230 Datasheet HTML 35Page - Dialog Semiconductor DA9230 Datasheet HTML 36Page - Dialog Semiconductor DA9230 Datasheet HTML 37Page - Dialog Semiconductor DA9230 Datasheet HTML 38Page - Dialog Semiconductor DA9230 Datasheet HTML 39Page - Dialog Semiconductor DA9230 Datasheet HTML 40Page - Dialog Semiconductor DA9230 Datasheet HTML 41Page - Dialog Semiconductor DA9230 Datasheet HTML 42Page - Dialog Semiconductor DA9230 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DA9230
Ultra-Low Quiescent Current Buck
Datasheet
Revision 3.0
27-Feb-2020
CFR0011-120-00
39 of 47
© 2020 Dialog Semiconductor
Field Name
Bits
Type
POR
Description
0x0F
1.35 V
0x10
1.40 V
0x11
1.45 V
0x12
1.50 V
0x13
1.55 V
0x14
1.60 V
0x15
1.65 V
0x16
1.70 V
0x17
1.75 V
0x18
1.80 V
0x19
1.85 V
0x1A
1.90 V
0x1B
1.90 V
0x1C
1.90 V
0x1D
1.90 V
0x1E
1.90 V
0x1F
1.90 V
Table 20: Register BUCK_CFG
Address
Register Name
POR Value
Buck config
0x0006
BUCK_CFG
0x00
7
6
5
4
3
2
1
0
Reserved
Reserved
BUCK_PD_CFG2
BUCK_PD_CFG1
Reserved
Reserved
SEL_BUCK_ILIM<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com