Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9230 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9230
Description  Ultra-Low Quiescent Current Buck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9230 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9230 Datasheet HTML 33Page - Dialog Semiconductor DA9230 Datasheet HTML 34Page - Dialog Semiconductor DA9230 Datasheet HTML 35Page - Dialog Semiconductor DA9230 Datasheet HTML 36Page - Dialog Semiconductor DA9230 Datasheet HTML 37Page - Dialog Semiconductor DA9230 Datasheet HTML 38Page - Dialog Semiconductor DA9230 Datasheet HTML 39Page - Dialog Semiconductor DA9230 Datasheet HTML 40Page - Dialog Semiconductor DA9230 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
DA9230
Ultra-Low Quiescent Current Buck
Datasheet
Revision 3.0
27-Feb-2020
CFR0011-120-00
37 of 47
© 2020 Dialog Semiconductor
Field Name
Bits
Type
POR
Description
0x1
16ms after BUCK_EN = 1, GPO reset pulse is negated.
0x2
32ms after BUCK_EN = 1, GPO reset pulse is negated.
0x3
48ms after BUCK_EN = 1, GPO reset pulse is negated.
0x4
64ms after BUCK_EN = 1, GPO reset pulse is negated.
0x5
80ms after BUCK_EN = 1, GPO reset pulse is negated.
0x6
96ms after BUCK_EN = 1, GPO reset pulse is negated.
0x7
112ms after BUCK_EN = 1, GPO reset pulse is negated.
GPO_CTRL
[3:0]
cfg OTP 0x0
GPO Control
Value
Description
0x1
Reset Pulse generation output
0x2
PowerGood indicator, Active Low
0x3
PowerGood indicator, Active High
0x4
Event indicator
0x8
Force GPO output low
0x9
Force GPO output hi-z
Table 19: Register BUCK
Address
Register Name
POR Value
Buck enable & vout control
0x0005
BUCK
0x58
7
6
5
4
3
2
1
0
BUCK_EN
VOUT_RANGE_HI
Reserved
BUCK_VOUT<4:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com