Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9233 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9233 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9233 Datasheet HTML 9Page - Dialog Semiconductor DA9233 Datasheet HTML 10Page - Dialog Semiconductor DA9233 Datasheet HTML 11Page - Dialog Semiconductor DA9233 Datasheet HTML 12Page - Dialog Semiconductor DA9233 Datasheet HTML 13Page - Dialog Semiconductor DA9233 Datasheet HTML 14Page - Dialog Semiconductor DA9233 Datasheet HTML 15Page - Dialog Semiconductor DA9233 Datasheet HTML 16Page - Dialog Semiconductor DA9233 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100mA LDO
NDA Confidential
Datasheet
Revision 2.0
22-Jan-2019
CFR0011-120-00 Rev 5
13 of 49
© 2019 Dialog Semiconductor
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT_VBUCK
_SNS
Buck output voltage range
Programmable range, 50 mV
steps
0.6
1.9
V
VOUT_VBUCK
_SNS_HI
Buck output voltage range
HI programmable range,
50 mV steps
VOUT_RANGE_HI = 1
1.3
1.9
V
VOUT_VBUCK
_SNS_LO
Buck output voltage range
LO programmable range,
50 mV steps
VOUT_RANGE_HI = 0
0.6
1.3
V
VOUT_VBUCK
_ACC_HI
Buck output voltage
accuracy (Note 1)
VVDD_SYS = 2.5 - 5.5V
IOUT = 0 - 60 mA
VOUT_RANGE_HI = 1
VBUCK = 1.8 V
-1.5
1.5
%
VOUT_VBUCK
_ACC_LO
Buck output voltage
accuracy (Note 1)
VVDD_SYS = 2.5 - 5.5 V
IOUT = 0 - 60 mA
VOUT_RANGE_HI = 0
VBUCK = 0.7 V
-2.5
2.5
%
Note 1: Includes all variations caused by Line and Load Regulations, Ripple and Temperature.
Table 7: GPO - Electrical performance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPD
GPO pull-down resistance
VVDD_SYS = 3.6 V
12
Ω
VOH
GPO Output high voltage
VPULLUP = 1.8 V
1.4
V
VOL
GPO Output low voltage
VPULLUP = 1.8 V
0.4
V
Table 8: Analog Core - Electrical performance
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TSHDN_HYS
Thermal shut-down
hysteresis
20
°C
TSHDN_THR
Thermal shut-down
threshold
125
°C
VTH_UVLO
Under-voltage lockout
threshold
Input voltage falling
2.4
2.5
V
VTH_UVLO_
RISE
Under-voltage lockout
threshold rising.
Input voltage rising.
2.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com