Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9233 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9233 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9233 Datasheet HTML 33Page - Dialog Semiconductor DA9233 Datasheet HTML 34Page - Dialog Semiconductor DA9233 Datasheet HTML 35Page - Dialog Semiconductor DA9233 Datasheet HTML 36Page - Dialog Semiconductor DA9233 Datasheet HTML 37Page - Dialog Semiconductor DA9233 Datasheet HTML 38Page - Dialog Semiconductor DA9233 Datasheet HTML 39Page - Dialog Semiconductor DA9233 Datasheet HTML 40Page - Dialog Semiconductor DA9233 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100mA LDO
NDA Confidential
Datasheet
Revision 2.0
22-Jan-2019
CFR0011-120-00 Rev 5
37 of 49
© 2019 Dialog Semiconductor
7
6
5
4
3
2
1
0
BUCK_EN
VOUT_RANGE_HI
Reserved
BUCK_VOUT<4:0>
Field Name
Bits
Type
POR
Description
BUCK_EN
[7]
cfg OTP 0x0
BUCK enable
VOUT_RANGE_HI
[6]
cfg OTP 0x1
Range selection for buck. This can only be changed while BUCK_EN = 0
Value
Description
0x0
0.60 V <= VBUCK <= 1.30 V
0x1
1.30 V <= VBUCK <= 1.90 V
BUCK_VOUT
[4:0]
datablk
OTP
0x18
Buck output voltage
Value
Description
0x00
0.60 V
0x01
0.65 V
0x02
0.70 V
0x03
0.75 V
0x04
0.80 V
0x05
0.85 V
0x06
0.90 V
0x07
0.95 V
0x08
1.00 V
0x09
1.05 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com