| Electronic Components Datasheet Search |
|
ADSP-SC592 Datasheet(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC592 Datasheet(HTML) 44 Page - Analog Devices |
|
44 / 143 page ![]() Rev. PrD | Page 44 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data 400-BALL LOW PERIPHERAL COUNT (LPC) BGA SIGNAL DESCRIPTIONS The processor pin definitions are shown in Table 21 for the 400- ball LPC BGA package. The columns in this table provide the following information: • The signal name column includes the signal name for every pin and the GPIO multiplexed pin function, where applicable. • The description column provides a descriptive name for each signal. • The port column shows whether or not a signal is multiplexed with other signals on a GPIO port pin. • The pin name column identifies the name of the package pin (at power on reset) on which the signal is located (if a single function pin) or is multiplexed (if a GPIO pin). • The DAI pins and their associated signal routing units (SRUs) connect inputs and outputs of the DAI peripherals (SPORT, ASRC, S/PDIF, and PCG). See the Digital Audio Interface (DAI) chapter of the ADSP-2159x/ADSP- SC591/592/594 SHARC+ Processor Hardware Reference for complete information on the use of the DAI and SRUs. Table 21. ADSP-2159x 400-Ball LPC BGA Signal Descriptions Signal Name Description Port Pin Name C1_FLG00 SHARC+ Core 1 FLAGS I/O 0 A PA_12 C1_FLG01 SHARC+ Core 1 FLAGS I/O 1 A PA_13 C1_FLG02 SHARC+ Core 1 FLAGS I/O 2 B PB_03 C1_FLG03 SHARC+ Core 1 FLAGS I/O 3 B PB_02 CNT0_DG CNT0 Count Down and Gate B PB_05 CNT0_UD CNT0 Count Up and Direction B PB_03 CNT0_ZM CNT0 Count Zero Marker B PB_04 DAI0_PIN01 DAI0 Pin 1 Not Muxed DAI0_PIN01 DAI0_PIN02 DAI0 Pin 2 Not Muxed DAI0_PIN02 DAI0_PIN03 DAI0 Pin 3 Not Muxed DAI0_PIN03 DAI0_PIN04 DAI0 Pin 4 Not Muxed DAI0_PIN04 DAI0_PIN05 DAI0 Pin 5 Not Muxed DAI0_PIN05 DAI0_PIN06 DAI0 Pin 6 Not Muxed DAI0_PIN06 DAI0_PIN07 DAI0 Pin 7 Not Muxed DAI0_PIN07 DAI0_PIN08 DAI0 Pin 8 Not Muxed DAI0_PIN08 DAI0_PIN09 DAI0 Pin 9 Not Muxed DAI0_PIN09 DAI0_PIN10 DAI0 Pin 10 Not Muxed DAI0_PIN10 DAI0_PIN11 DAI0 Pin 11 Not Muxed DAI0_PIN11 DAI0_PIN12 DAI0 Pin 12 Not Muxed DAI0_PIN12 DAI0_PIN19 DAI0 Pin 19 Not Muxed DAI0_PIN19 DAI0_PIN20 DAI0 Pin 20 Not Muxed DAI0_PIN20 DAI1_PIN01 DAI1 Pin 1 Not Muxed DAI1_PIN01 DAI1_PIN02 DAI1 Pin 2 Not Muxed DAI1_PIN02 DAI1_PIN03 DAI1 Pin 3 Not Muxed DAI1_PIN03 DAI1_PIN04 DAI1 Pin 4 Not Muxed DAI1_PIN04 DAI1_PIN05 DAI1 Pin 5 Not Muxed DAI1_PIN05 DAI1_PIN06 DAI1 Pin 6 Not Muxed DAI1_PIN06 DAI1_PIN07 DAI1 Pin 7 Not Muxed DAI1_PIN07 DAI1_PIN08 DAI1 Pin 8 Not Muxed DAI1_PIN08 DAI1_PIN09 DAI1 Pin 9 Not Muxed DAI1_PIN09 DAI1_PIN10 DAI1 Pin 10 Not Muxed DAI1_PIN10 DAI1_PIN11 DAI1 Pin 11 Not Muxed DAI1_PIN11 DAI1_PIN12 DAI1 Pin 12 Not Muxed DAI1_PIN12 DAI1_PIN19 DAI1 Pin 19 Not Muxed DAI1_PIN19 DAI1_PIN20 DAI1 Pin 20 Not Muxed DAI1_PIN20 DMC0_A00 DMC0 Address 0 Not Muxed DMC0_A00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |