Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC592 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-SC592
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC592 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-SC592 Datasheet HTML 17Page - Analog Devices ADSP-SC592 Datasheet HTML 18Page - Analog Devices ADSP-SC592 Datasheet HTML 19Page - Analog Devices ADSP-SC592 Datasheet HTML 20Page - Analog Devices ADSP-SC592 Datasheet HTML 21Page - Analog Devices ADSP-SC592 Datasheet HTML 22Page - Analog Devices ADSP-SC592 Datasheet HTML 23Page - Analog Devices ADSP-SC592 Datasheet HTML 24Page - Analog Devices ADSP-SC592 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 143 page
background image
Rev. PrD
|
Page 21 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594
Preliminary Technical Data
General-Purpose I/O (GPIO)
Each general-purpose port pin can be individually controlled by
manipulating the port control, status, and interrupt registers:
• The GPIO direction control register specifies the direction
of each individual GPIO pin as input or output.
• GPIO control and status registers have a write-one-to-
modify mechanism that allows any combination of individ-
ual GPIO pins to be modified in a single instruction,
without affecting the level of any other GPIO pins.
• GPIO interrupt mask registers allow each individual GPIO
pin to function as an interrupt to the processors. GPIO pins
defined as inputs can be configured to generate hardware
interrupts, whereas output pins can be triggered by soft-
ware interrupts.
• GPIO interrupt sensitivity registers specify whether indi-
vidual pins are level or edge sensitive and specify, if edge
sensitive, whether the rising edge or both the rising and
falling edges of the signal are significant.
Pin Interrupts
Every port pin on the processors can request interrupts in either
an edge sensitive or a level sensitive manner with programmable
polarity. Interrupt functionality is decoupled from GPIO opera-
tion. Eight system level interrupt channels (PINT0–PINT7) are
reserved for this purpose. Each of these interrupt channels can
manage up to 32 interrupt pins. The assignment from pin to
interrupt is not performed on a pin by pin basis. Rather, groups
of eight pins (half ports) are flexibly assigned to interrupt
channels.
Every pin interrupt channel features a special set of 32-bit mem-
ory-mapped registers that enable half port assignment and
interrupt management. This functionality includes masking,
identification, and clearing of requests. These registers also
enable access to the respective pin states and use of the interrupt
latches, regardless of whether the interrupt is masked. Most
control registers feature multiple MMR address entries to write
one to set or write one to clear them individually.
Core Flags I/O Pins
The processor features 32 flag I/O pins (16 per SHARC+ core),
which allow for external control and monitoring of the
SHARC+ core FLAGS register. User code can write to bits in
this register to be driven to pins configured as outputs, and code
execution can be made conditional based on the settings of the
pins configured as inputs.
SYSTEM ACCELERATION
The following sections describe the system acceleration blocks
of the ADSP-2159x/ADSP-SC59x processors.
Finite Impulse Response (FIR) Accelerator
The finite impulse response (FIR) accelerator consists of a
1024 word coefficient memory, a 1024 word deep delay line for
the data, and four multiplier-accumulator (MAC) units. A con-
troller manages the accelerator. The FIR accelerator runs at the
SHARC core clock frequency. The FIR accelerator can access all
memory spaces and can run concurrently with the other accel-
erators on the processor.
Infinite Impulse Response (IIR) Accelerator
The infinite impulse response (IIR) accelerator consists of a
1440 word coefficient memory for storage of biquad coeffi-
cients, a data memory for storing the intermediate data, and one
MAC unit. A controller manages the accelerator. The IIR
accelerator runs at the SHARC core clock frequency. The IIR
accelerator can access all memory spaces and run concurrently
with the other accelerators on the processor.
Note: There are four IIR accelerators per SHARC core.
SYSTEM DESIGN
The following sections provide an introduction to system design
features and power supply issues.
Clock Management
The processors provide three operating modes, each with a dif-
ferent performance and power profile. Control of clocking to
each of the processor peripherals reduces power consumption.
The processors do not support any low power operation modes.
Control of clocking to each of the processor peripherals can
reduce the power consumption.
Reset Control Unit (RCU)
Reset is the initial state of the whole processor, or the core, and
is the result of a hardware or software triggered event. In this
state, all control registers are set to default values and functional
units are idle. Exiting a full system reset begins with the core
ready to boot.
The reset control unit (RCU) controls how all the functional
units enter and exit reset. Differences in functional require-
ments and clocking constraints define how reset signals are
generated. Programs must guarantee that none of the reset
functions put the system into an undefined state or cause
resources to stall. This requirement is particularly important
when the core resets (programs must ensure that there is no
pending system activity involving the core when it is reset).
From a system perspective, reset is defined by both the reset tar-
get and the reset source.
The reset target is defined as the following:
• System reset—all functional units except the RCU are set to
default states.
• Hardware reset—all functional units are set to default states
without exception. History is lost.
• Core only reset—affects the core only. When in reset state,
the core is not accessed by any bus requester.
The reset source is defined as the following:
• System reset—can be triggered by software (writing to the
RCU_CTL register) or by another functional unit, such as
the dynamic power management (DPM) unit or any of the
SEC, TRU, or emulator inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com