Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX6SDLIEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX6SDLIEC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX6SDLIEC Datasheet HTML 1Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 2Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 3Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 4Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 161 page
background image
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
4
NXP Semiconductors
Introduction
Figure 1. Part Number Nomenclature—i.MX 6Solo and 6DualLite
Figure 2. Example Part Marking
1.2
Features
The i.MX 6Solo/6DualLite processors are based on Arm Cortex-A9 MPCore Platform, which has the
following features:
•
The i.MX 6Solo supports single Arm Cortex-A9 MPCore (with TrustZone)
•
The i.MX 6DualLite supports dual Arm Cortex-A9 MPCore (with TrustZone)
•
The core configuration is symmetric, where each core includes:
— 32 KByte L1 Instruction Cache
— 32 KByte L1 Data Cache
— Private Timer and Watchdog
Temperature Tj
+
Commercial: 0 to + 95°CD
Extended commercial: -20 to + 105°CE
Industrial: -40 to +105°CC
Automotive: -40 to + 125°CA
Frequency
$$
800 MHz2
08
1 GHz3
10
Package type
RoHS
MAPBGA 21 x 21 0.8mm
VM
Qualification level
MC
Prototype Samples
PC
Mass Production
MC
Special
SC
Part # series
X
i.MX 6DualLite
2x ARM Cortex-A9, 64-bit DDR
U
i.MX 6Solo
1x ARM Cortex-A9, 32-bit DDR
S
Silicon revision1
A
Rev 1.1
B
Rev 1.2 (Maskset ID: 2N81E)
Rev 1.3 (Maskset ID: 3N81E)
C
Rev 1.4 (Maskset ID: 4N81E)
D
Fusing
%
Default settings
A
HDCP enabled
C
MC
IMX6
X
@
+
VV
$$
%
A
1. See the nxp.com\imx6series Web page for latest information on the available silicon revision.
2. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 792 MHz.
3. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz.
Part differentiator
@
Consumer
VPU
GPU
EPDC
MLB
8
Industrial
VPU
GPU
–
–
7
Automotive
VPU
GPU
–
MLB
6
Consumer
VPU
GPU
–
MLB
5
Automotive
–
GPU
–
MLB
4
Automotive
–
–
–
MLB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com