Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX6SDLIEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX6SDLIEC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX6SDLIEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 9Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 10Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 11Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 12Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 161 page
background image
Architectural Overview
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
NXP Semiconductors
9
2
Architectural Overview
The following subsections provide an architectural overview of the i.MX 6Solo/6DualLite processor
system.
2.1
Block Diagram
Figure 3 shows the functional modules in the i.MX 6Solo/6DualLite processor system.
1 144 KB RAM including 16 KB RAM inside the CAAM.
2 For i.MX 6Solo, there is only one A9-core platform in the chip; for i.MX 6DualLite, there are two A9-core platforms.
Figure 3. i.MX 6Solo/6DualLite System Block Diagram
NOTE
The numbers in brackets indicate number of module instances. For example,
PWM (4) indicates four separate PWM peripherals.
Application Processor
Smart DMA
(SDMA)
Shared Peripherals
AP Peripherals
Arm Cortex-A9
SSI (3)
eCSPI (4)
MPCore Platform
Timers/Control
GPT
PWM (4)
EPIT (2)
GPIO
WDOG (2)
I2C(4)
IOMUXC
OCTP_CTRL
AUDMUX
KPP
Boot
ROM
CSU
Fuse Box
Debug
DAP
TPIU
CAAM
(16KB Ram)
Security
USB OTG +
3 HS Ports
CTIs
Internal
Host PHY2
OTG PHY1
ESAI
External
Memory I/F
RAM
(144 KB)1
LDB
1 / 2 LCD
Displays
Domain (AP)
SJC
512K L2 cache
SCU, Timer
WLAN
USB OTG
JTAG
(IEEE1149.6)
Bluetooth
MMC/SD
eMMC/eSD
GPS
Audio,
Power
Mngmnt.
SPBA
CAN(2)
Digital
Audio
2xCAN i/f
5xFast-UART
SPDIF Rx/Tx
Video
Proc. Unit
(VPU + Cache)
3D Graphics
Proc. Unit
(GPU3D)
1 / 2 LVDS
(WUXGA+)
Battery Ctrl
Device
NOR Flash
PSRAM
LPDDR2/DDR3
1-Gbps ENET
2x Camera
Parallel/MIPI
(96KB)
PLL (8)
CCM
GPC
SRC
XTALOSC
OSC32K
PTM’s CTI’s
HDMI 1.4
Display
GPMI
HSI/MIPI
MIPI
Display
DSI/MIPI
CSI2/MIPI
HDMI
2xHSIC
PHY
PCIe Bus
ASRC
SNVS
(SRTC)
uSDHC (4)
Modem IC
2D Graphics
Proc. Unit
(GPU2D)
MMC/SD
SDXC
Raw / ONFI 2.2
NAND Flash
MMDC
EIM
Keypad
Crystals
& Clock sources
Image Processing
Subsystem
IPUv3H
Temp Monitor
Mbps
10/100/1000
Ethernet
Clock and Reset
400 MHz (DDR800)
Power Management
Unit (LDOs)
1x/2x A9-Core
L1 I/D Cache
Timer, WDOG
(dev/host)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com