Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9255/ZMX019 Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN9255/ZMX019
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX019 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN9255/ZMX019 Datasheet HTML 6Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 7Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 8Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 9Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 10Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 11Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 12Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 13Page - Microchip Technology LAN9255/ZMX019 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LAN9255
DS00003646B-page 10
2020-2021 Microchip Technology Inc.
31
D14
AD14
GPI8/GPO8
MII_TXD3/
TX_SHIFT1
DIGIO8
LAN9253
15
32
D13
AD13
GPI7/GPO7
MII_TXD2/
TX_SHIFT0
DIGIO7
LAN9253
16
33
PA08
SAM E53J
17
34
PA09
SAM E53J
18
35
PA10
SAM E53J
19
36
PA11
SAM E53J
20
37
VDDIOB
SAM E53J
21
38
D0
AD0
SI/SIO0
WD_STATE
LAN9253
17
39
SYNC1/LATCH1/PME
SYNC1/
LATCH1
LAN9253
18
40
PB10
SAM E53J
23
41
D9
AD9
SCK
LATCH_IN
LAN9253
19
42
PB11
SAM E53J
24
43
PB12
SAM E53J
25
44
PB13
SAM E53J
26
45
VDDIO_J
LAN9253
20
46
PB14
SAM E53J
27
47
PB15
SAM E53J
28
48
NC
N/A
N/A
49
D12
AD12
GPI6/GPO6
MII_TXD1/
100FD_B
DIGIO6
LAN9253
21
50
D11
AD11
GPI5/GPO5
MII_TXD0/
100FD_A
DIGIO5
LAN9253
22
51
D10
AD10
GPI4/GPO4
MII_TXEN
DIGIO4
LAN9253
23
52
VDDCR
LAN9253
24
53
A1
ALELO
-
MII_CLK25/
EE_EMUL_S
PI2
OE_EXT
LAN9253
25
54
A3
BE0
GPI11/GPO11
MII_RXDV
DIGIO11
LAN9253
26
55
A4
BE1
GPI12/
GPO12
MII_RXD0
DIGIO12
LAN9253
27
56
CS
GPI13/
GPO13
MII_RXD1
DIGIO13
LAN9253
28
TABLE 4-1:
LAN9255 PIN ASSIGNMENTS (CONTINUED)
LAN9255
Pin
Number
HBI Indexed
Mode Pin Name
HBI Multiplexed
Mode Pin Name
SPI with GPIO
Mode Pin Name
SPI with MII
Mode Pin Name
Digital I/O
Mode Pin Name
Source
Die
Source
Die Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com