Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7448 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC7448
Description  MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7448 Datasheet(HTML) 7 Page - NXP Semiconductors

  MPC7448 Datasheet HTML 1Page - NXP Semiconductors MPC7448 Datasheet HTML 2Page - NXP Semiconductors MPC7448 Datasheet HTML 3Page - NXP Semiconductors MPC7448 Datasheet HTML 4Page - NXP Semiconductors MPC7448 Datasheet HTML 5Page - NXP Semiconductors MPC7448 Datasheet HTML 6Page - NXP Semiconductors MPC7448 Datasheet HTML 7Page - NXP Semiconductors MPC7448 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series, Rev. 2
Freescale Semiconductor
7
Document Revision History
11.3
Part Marking
Parts are marked as the example shown in Figure 23.
Figure 23. Part Marking for BGA Device
Document Revision History
Table B provides a revision history for this part number specification.
Table B. Document Revision History
Revision
Date
Substantive Change(s)
2
04/2007
Added 1700LD device information.
On first page changed title part number from being N application modifier specific (MC7448TxxxnnnnNx)
to generic MC7448Txxnnnnmx.
On first page under Freescale Part Numbers Affected added MC7448THX1700LD.
Table A: Added a 1700L MHz revision D row.
Section 4, “General Parameters”: Added 1700L MHz revision level D information and added N application
modifier information to the 1000, 1267, and 1400 devices.
Table 4, Table 7, and Table 8: Added 1700L columns.
Table 4, Table 7, Table 8, and Table 11: Added added N application modifier information to the 1000,
1267, and 1400 column headings.
Table 11: Added 1700L row.
Table 17: Changed ‘N’ application modifier at top of table to generic ‘m’. Added 1700L information for
revision level D.
Figure 23: Updated part marking replacing ‘N’ application modifier with ‘m’.
1
10/2006
Added revision level D device information.
On first page under Freescale Part Numbers Affected added PPC7448THX1000Nx,
PPC7448THX1267Nx, and PPC7448THX1400Nx.
Table A and list on first page: x stands for C or D revision level.
Table A: Added 1267 MHz revision D row and 4 PPC part number rows.
Section 4, “General Parameters”: Added 1267 MHz revision level D information.
Table 4: Added 1267 MHz revision D only column.
Table 17: Added PVR and 1267 information for revision level D, added PPC product code, and footnote 1.
0
6/2006
Initial release.
Notes:
YWWLAZ is the assembly traceability code.
AWLYYWW is the test code, where YYWW is the date code (YY = year, WW = work week)
MMMMMM is the M00 (mask) number.
xx7448T
xxnnnnmx
AWLYYWW
MMMMMM
YWWLAZ
7448
BGA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com